Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX15-3032PCFA Datasheet(PDF) 11 Page - Hirose Electric

Part # FX15-3032PCFA
Description  1mm Pitch Cable-to-Board Connectors supporting LVDS signal
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX15-3032PCFA Datasheet(HTML) 11 Page - Hirose Electric

Back Button FX15-3032PCFA Datasheet HTML 7Page - Hirose Electric FX15-3032PCFA Datasheet HTML 8Page - Hirose Electric FX15-3032PCFA Datasheet HTML 9Page - Hirose Electric FX15-3032PCFA Datasheet HTML 10Page - Hirose Electric FX15-3032PCFA Datasheet HTML 11Page - Hirose Electric FX15-3032PCFA Datasheet HTML 12Page - Hirose Electric FX15-3032PCFA Datasheet HTML 13Page - Hirose Electric FX15-3032PCFA Datasheet HTML 14Page - Hirose Electric FX15-3032PCFA Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
B283
FX15 Seriesq1mm Pitch Cable-to-Board Connectors supporting LVDS signal
(5.5)
Vacuum pick and place area
Polarizing mark
indicator
No.1
No.2
No.n
No.n-1
6.55±0.3
B±0.2
D±0.15
P=1±0.1
P=1±0.1
C±0.15
A±0.2
0.5±0.1
0.2±0.05
qRight angle, without shields (FX15M-**S-0.5SH)
E±0.05
0.3±0.03(Land)
0.9±0.03
0.25±0.03(Metal mask)
G
F±0.05
P=0.5±0.03
2
Part number
FX15M-21S-0.5SH
FX15M-31S-0.5SH
CL575-2309-3
CL575-2308-0
21
31
10
15
HRS No.
Number of contacts
A
B
9
14
C
10
15
D
17.9
22.9
E
10
15
F
35
40
G
YES
RoHS
22.4
27.4
Note 1 : The co-planarity of all terminal leads is 0.1 mm max.
2 : Do not place any components in the area indicated. Placement of components in this area may affect mating and
latch lock operation.
3 : Packaged on tape-and-reel, 1000 pieces per reel.
BRecommended PCB mounting pattern and metal mask dimensions
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FX15-3032PCFA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX15-3032PCFB ETC2-FX15-3032PCFB Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
FX15-3032PCFB HIROSE-FX15-3032PCFB Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
More results

Similar Description - FX15-3032PCFA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
   1MM CABLE ASSEMBLY
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com