Electronic Components Datasheet Search |
|
LFA100F-24 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
LFA100F-24 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 18 page LFA-7 LFA30F External view Block diagram AC IN 85 264V NOISE FILTER CONTROL INVERTER RECTIFIER AND FILTER RECTIFIER AND FILTER DC OUT FG TRANSFORMER CONTROL FUSE AC250V 3.15A Photocoupler Photocoupler OVER VOLTAGE PROTECTION CURRENT SENSING INRUSH CURRENT LIMIT <PIN CONNECTION> CN1 CN2 Pin No. Input 1 AC(L) 2 3 AC(N) 4 5 FG Pin No. Output 1, 2 -V 3, 4 +V ¶ Keep drawing current per pin below 5A for CN2. I/O Connector Mating connector CN1 1-1123724-3 1-1123722-5 Chain Loose CN2 1-1123723-4 1-1123722-4 Terminal Chain Loose 1123721-1 1318912-1 1123721-1 1318912-1 (Mfr: Tyco Electronics) ¶ I/O Connector is Mfr. Tyco Electronics ¶ Option:-J1:(J.S.T) connector type. Refer to Instruction Manual 5. ¶ Tolerance : ±1 [±0.04] ¶ Weight: 130g max (without chassis and cover) ¶ PCB material / thickness : CEM3 / 1.6mm ¶ Optional chassis and cover material : Electric galvanizing steel board. ¶ Dimensions in mm, [ ]=inches ¶ Mounting torque (Mounting hole of chassis) : 0.6N -m (6.3kgf-cm) max Standard type Chassis and cover type Mounting Hole Point B Point A PCB t=1.6 Input(L) Input(N) Voltage adjust (LFA30F-3R3-Y or optional) Output(+) Output(-) 3- f3.5 Mounting Hole Name plate 1 3 5 FG CN1 2 1 CN2 3 4 4 105 95 ±0.5 5 4 3 CN2 1 2 CN1 5 3 1 Output(-) Output(+) FG Input(L) Input(N) f3.5 2-M3 Mounting Hole 4-M3 Mounting Hole f3.5 125 5 115 ±0.5 5 115 ±0.5 ¶ 4 Mounting holes are existing. ¶ The back side of P.C.B. of the power supply is assembled some SMDs. Be attention not to bump against the attached area by vibration. ¶ Use the spacer of 8mm length or more regarding insulation. And do not use press-fitting bush. ¶ Point A, Point B are thermometry points. Please refer to Instruction Manual 3. ¶1 Surface mount device ¶1 4.5 FG [0.2] [0.16] [4.13] [0.18] [0.2] [0.2] [4.92] [3.74] [4.53] [4.53] LFA |
Similar Part No. - LFA100F-24 |
|
Similar Description - LFA100F-24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |