Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7912J3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # LM7912J3
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM7912J3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  LM7912J3 Datasheet HTML 1Page - Cystech Electonics Corp. LM7912J3 Datasheet HTML 2Page - Cystech Electonics Corp. LM7912J3 Datasheet HTML 3Page - Cystech Electonics Corp. LM7912J3 Datasheet HTML 4Page - Cystech Electonics Corp. LM7912J3 Datasheet HTML 5Page - Cystech Electonics Corp. LM7912J3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C536J3
Issued Date : 2008.02.20
Revised Date : 2008.08.22
Page No. : 6/6
LM7912J3
CYStek Product Specification
TO-252 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
3-Lead TO-252 Plastic Surface Mount Package
CYStek Package Code: J3
B
A
C
E
H
I
J
K
3
2
1
D
F
G
L
Date Code
7912
□□□□
Marking:
Style: Pin
1.Ground
2.Vin
3.Vout
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0177
0.0217
0.45
0.55
G
0.0866
0.1102
2.20
2.80
B
0.0650
0.0768
1.65
1.95
H
-
*0.0906
-
*2.30
C
0.0354
0.0591
0.90
1.50
I
-
0.0354
-
0.90
D
0.0177
0.0236
0.45
0.60
J
-
0.0315
-
0.80
E
0.2520
0.2677
6.40
6.80
K
0.2047
0.2165
5.20
5.50
F
0.2125
0.2283
5.40
5.80
L
0.0551
0.0630
1.40
1.60
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: KFC; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - LM7912J3

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM7912J TGS-LM7912J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7912J TGS-LM7912J_17 Datasheet
330Kb / 1P
   3-Terminal 1A Negative Voltage Regulator
More results

Similar Description - LM7912J3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79LXX SECOS-S79LXX Datasheet
720Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
Cystech Electonics Corp...
PL7905XE3 CYSTEKEC-PL7905XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com