Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10120FP Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MBR10120FP
Description  10Amp. Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MBR10120FP Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MBR10120FP Datasheet HTML 1Page - Cystech Electonics Corp. MBR10120FP Datasheet HTML 2Page - Cystech Electonics Corp. MBR10120FP Datasheet HTML 3Page - Cystech Electonics Corp. MBR10120FP Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C467FP
Issued Date : 2009.03.19
Revised Date : 2009.10.23
Page No. : 4/4
MBR10120FP
CYStek Product Specification
TO-220FP Dimension
*: Typical
Style: Pin
1.Anode 2.Cathode 3.Anode
1 2
3
Marking:
A K A
Date Code
Device
Name
3-Lead TO-220FP Plastic Package
CYStek Package Code: FP
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.3740
0.4134
9.50
10.50
E2
0.0984
0.1063
2.50
2.70
A1
*0.2756
*7.00
N1
0.0961
0.1039
2.44
2.64
B
0.6063
0.6299
15.40
16.00
N2
0.1921
0.2079
4.88
5.28
b1
0.2480
0.2717
6.30
6.90
P
0.0984
0.1142
2.50
2.90
b2
0.0984
0.1181
2.50
3.00
L
0.5276
0.5354
13.40
13.60
C
0.0138
0.0295
0.35
0.75
L1
0.1378
0.1772
3.50
4.50
D
0.0276
0.0354
0.70
0.90
I
0.1181
0.1339
3.00
3.40
D1
0.0394
0.0551
1.00
1.40
T
0.0059
0.0138
0.15
0.35
E1
0.1693
0.1850
4.30
4.70
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: KFC ; tin plated
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - MBR10120FP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR10120 UTC-MBR10120 Datasheet
147Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Inchange Semiconductor ...
MBR10120 ISC-MBR10120 Datasheet
241Kb / 2P
   Schottky Barrier Rectifier
logo
Yangzhou yangjie electr...
MBR10120 YANGJIE-MBR10120 Datasheet
142Kb / 3P
   Schottky Diodes
logo
Mospec Semiconductor
MBR10120CK MOSPEC-MBR10120CK Datasheet
147Kb / 2P
   Schottky Barrier Rectifiers
MBR10120CL MOSPEC-MBR10120CL Datasheet
197Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - MBR10120FP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MBR10100FP CYSTEKEC-MBR10100FP Datasheet
389Kb / 7P
   10Amp. Schottky Barrier Rectifiers
MBR10200FP CYSTEKEC-MBR10200FP Datasheet
377Kb / 7P
   10Amp. Schottky Barrier Rectifiers
MBR10200J3 CYSTEKEC-MBR10200J3 Datasheet
386Kb / 8P
   10Amp. Schottky Barrier Rectifiers
MBR1060E3 CYSTEKEC-MBR1060E3 Datasheet
157Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR10150E3 CYSTEKEC-MBR10150E3 Datasheet
159Kb / 4P
   10Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM1060DS1 SECOS-SM1060DS1_15 Datasheet
201Kb / 2P
   10Amp. Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SK1040J3 CYSTEKEC-SK1040J3 Datasheet
250Kb / 6P
   10Amp. Schottky Barrier Rectifiers
MBR10100E3 CYSTEKEC-MBR10100E3 Datasheet
158Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR1060FP CYSTEKEC-MBR1060FP Datasheet
161Kb / 4P
   10Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM10200DS1 SECOS-SM10200DS1 Datasheet
190Kb / 2P
   10Amp. Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com