Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30100E3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MBR30100E3
Description  30Amp. Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MBR30100E3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MBR30100E3 Datasheet HTML 1Page - Cystech Electonics Corp. MBR30100E3 Datasheet HTML 2Page - Cystech Electonics Corp. MBR30100E3 Datasheet HTML 3Page - Cystech Electonics Corp. MBR30100E3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C460E3
Issued Date : 2008.12.19
Revised Date : 2012.08.13
Page No. : 4/4
MBR30100E3
CYStek Product Specification
TO-220AB Dimension
Style: Pin
1.Anode 2.Cathode 3.Anode
3-Lead TO-220AB Plastic Package
CYStek Package Code: E3
Marking:
CYS
Date Code
Device Name
30100
□□
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.2197
0.2949
5.58
7.49
I
-
*
0.1508
-
*
3.83
B
0.3299
0.3504
8.38
8.90
J
0.3165
0.4449
8.04
11.30
C
0.1732
0.185
4.40
4.70
K
0.0295
0.0374
0.75
0.95
D
0.0453
0.0547
1.15
1.39
M
0.0449
0.0551
1.14
1.40
E
0.0138
0.0236
0.35
0.60
N
-
*
0.1000
-
*
2.54
F
0.1020
0.1138
2.59
2.89
O
0.5000
0.5618
12.70
14.27
G
0.3803
0.4047
9.66
10.28
P
0.5701
0.6248
14.48
15.87
H
-
*
0.6398
-
*
16.25
S
0.0992
0.1110
2.52
2.82
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: KFC ; tin plated
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - MBR30100E3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR30100 MCC-MBR30100 Datasheet
132Kb / 3P
   30 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Shenzhen Ping Sheng Ele...
MBR30100 PFS-MBR30100 Datasheet
305Kb / 3P
   Schottky Barrier Rectifier
logo
Gaomi Xinghe Electronic...
MBR30100 GXELECTRONICS-MBR30100 Datasheet
540Kb / 3P
   30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
SeCoS Halbleitertechnol...
MBR30100 SECOS-MBR30100 Datasheet
146Kb / 2P
   Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
MBR30100 NJSEMI-MBR30100 Datasheet
123Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - MBR30100E3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MBR30150E3 CYSTEKEC-MBR30150E3 Datasheet
158Kb / 4P
   30Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MBR3040F SECOS-MBR3040F Datasheet
212Kb / 2P
   30Amp Schottky Barrier Rectifiers
SS3020 SECOS-SS3020 Datasheet
138Kb / 2P
   30AMP Schottky Barrier Rectifiers
logo
International Rectifier
30FQ030 IRF-30FQ030 Datasheet
275Kb / 6P
   30Amp Schottky Power Rectifiers
logo
Shanghai Lunsure Electr...
MBR30100CT CHENYI-MBR30100CT Datasheet
238Kb / 2P
   30Amp schottky barrier rectifier 100volts
SBL3030CT CHENYI-SBL3030CT Datasheet
87Kb / 2P
   30Amp schottky barrier rectifier 30to45 volts
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SKM3045CTFP CYSTEKEC-SKM3045CTFP Datasheet
547Kb / 5P
   30Amp. MOS BARRIER RECTIFIER
SKM3050CTE3 CYSTEKEC-SKM3050CTE3 Datasheet
510Kb / 5P
   30Amp. MOS BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com