Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTA50N02N3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTA50N02N3
Description  20V N-CHANNEL Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTA50N02N3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTA50N02N3 Datasheet HTML 1Page - Cystech Electonics Corp. MTA50N02N3 Datasheet HTML 2Page - Cystech Electonics Corp. MTA50N02N3 Datasheet HTML 3Page - Cystech Electonics Corp. MTA50N02N3 Datasheet HTML 4Page - Cystech Electonics Corp. MTA50N02N3 Datasheet HTML 5Page - Cystech Electonics Corp. MTA50N02N3 Datasheet HTML 6Page - Cystech Electonics Corp. MTA50N02N3 Datasheet HTML 7Page - Cystech Electonics Corp. MTA50N02N3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C323N3
Issued Date : 2013.12.27
Revised Date :
Page No. : 1/8
MTA55N02N3
CYStek Product Specification
20V N-CHANNEL Enhancement Mode MOSFET
MTA55N02N3 BVDSS
20V
ID
3.6A
29mΩ(typ.)
RDSON(MAX)@VGS=4.5V, ID=3.6A
39mΩ(typ.)
RDSON(MAX)@VGS=2.5V, ID=3.1A
Features
• Simple drive requirement
• Small package outline
• Capable of 2.5V gate drive
• Pb-free lead plating and halogen-free package
Symbol
Outline
Ordering Information
Device
Package
Shipping
MTA55N02N3-0-T1-G
SOT-23
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel
MTA55N02N3
SOT-23
D
S
G:Gate
S:Source
D:Drain
G
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs / tape & reel,7” reel
Product rank, zero for no rank products
Product name


Similar Part No. - MTA50N02N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTA50N15H8 CYSTEKEC-MTA50N15H8 Datasheet
598Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTA50N15H8-0-T6-G CYSTEKEC-MTA50N15H8-0-T6-G Datasheet
598Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTA50N15J3 CYSTEKEC-MTA50N15J3 Datasheet
431Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTA50N15J3-0-T3-X CYSTEKEC-MTA50N15J3-0-T3-X Datasheet
431Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTA50N02N3

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com