Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTA65N15H8 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTA65N15H8
Description  N-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTA65N15H8 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTA65N15H8 Datasheet HTML 1Page - Cystech Electonics Corp. MTA65N15H8 Datasheet HTML 2Page - Cystech Electonics Corp. MTA65N15H8 Datasheet HTML 3Page - Cystech Electonics Corp. MTA65N15H8 Datasheet HTML 4Page - Cystech Electonics Corp. MTA65N15H8 Datasheet HTML 5Page - Cystech Electonics Corp. MTA65N15H8 Datasheet HTML 6Page - Cystech Electonics Corp. MTA65N15H8 Datasheet HTML 7Page - Cystech Electonics Corp. MTA65N15H8 Datasheet HTML 8Page - Cystech Electonics Corp. MTA65N15H8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C739H8
Issued Date : 2014.02.11
Revised Date :
Page No. : 1/10
MTA65N15H8
CYStek Product Specification
N-Channel Enhancement Mode Power MOSFET
MTA65N15H8
BVDSS
150V
ID @VGS=10V
20A
60mΩ
VGS=10V, ID=15A
VGS=5V, ID=10A
59mΩ
RDSON(TYP)
VGS=3V, ID=3A
60mΩ
Description
The MTA65N15H8 is a N-channel enhancement-mode MOSFET, providing the designer with the best
combination of fast switching, ruggedized device design, low on-resistance and cost effectiveness.
Features
• Single Drive Requirement
• Low On-resistance
• Fast Switching Characteristic
• Dynamic dv/dt rating
• Repetitive Avalanche Rated
• Pb-free lead plating and Halogen-free package
Symbol
Outline
MTA65N15H8
DFN5×6
Pin 1
G:Gate
D:Drain
S:Source


Similar Part No. - MTA65N15H8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTA65N20H8 CYSTEKEC-MTA65N20H8 Datasheet
392Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTA65N20J3 CYSTEKEC-MTA65N20J3 Datasheet
313Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTA65N15H8

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com