Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLS4030TRLPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRLS4030TRLPBF
Description  DC Motor Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLS4030TRLPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLS4030TRLPBF Datasheet HTML 2Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 3Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 4Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 5Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 6Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 7Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 8Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 9Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRLS/SL4030PbF
10
www.irf.com
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 02/09
D2Pak (TO-263AB) Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.


Similar Part No. - IRLS4030TRLPBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLS4030 ISC-IRLS4030 Datasheet
244Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLS4030-7PPBF IRF-IRLS4030-7PPBF Datasheet
293Kb / 9P
   HEXFET Power MOSFET
IRLS4030-7PPBF IRF-IRLS4030-7PPBF Datasheet
293Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRLS4030-7PPBF IRF-IRLS4030-7PPBF_15 Datasheet
293Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRLS4030PBF IRF-IRLS4030PBF Datasheet
388Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRLS4030TRLPBF

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2532E HMSEMI-HM2532E Datasheet
1Mb / 12P
   DC motor drive circuit
HM2535 HMSEMI-HM2535 Datasheet
553Kb / 4P
   DC motor drive IC
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SJ669 TOSHIBA-2SJ669_09 Datasheet
166Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
logo
Sanyo Semicon Device
2SK1896 SANYO-2SK1896 Datasheet
82Kb / 3P
   DC-DC Converter, Motor Drive Applications
logo
Toshiba Semiconductor
2SK2963 TOSHIBA-2SK2963_08 Datasheet
245Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK2611 TOSHIBA-2SK2611_10 Datasheet
421Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com