Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29028IROZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL29028IROZ
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29028IROZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL29028IROZ Datasheet HTML 1Page - Intersil Corporation ISL29028IROZ Datasheet HTML 2Page - Intersil Corporation ISL29028IROZ Datasheet HTML 3Page - Intersil Corporation ISL29028IROZ Datasheet HTML 4Page - Intersil Corporation ISL29028IROZ Datasheet HTML 5Page - Intersil Corporation ISL29028IROZ Datasheet HTML 6Page - Intersil Corporation ISL29028IROZ Datasheet HTML 7Page - Intersil Corporation ISL29028IROZ Datasheet HTML 8Page - Intersil Corporation ISL29028IROZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2010. All Rights Reserved.
I2C Bus is a registered trademark owned by NXP Semiconductors Netherlands, B.V.
All other trademarks mentioned are the property of their respective owners.
Low Power Ambient Light and Proximity Sensor
with Intelligent Interrupt and Sleep Modes
ISL29028
The ISL29028 is an integrated ambient and infrared
light-to-digital converter with a built-in IR LED driver
and I2C Interface (SMBus Compatible). This device uses
two independent ADCs for concurrently measuring
ambient light and proximity in parallel. The flexible
interrupt scheme is designed for minimal
microcontroller utilization.
For ambient light sensor (ALS) data conversions, an ADC
converts photodiode current (with a light sensitivity
range up to 2000 Lux) in 100ms per sample. The ADC
rejects 50Hz/60Hz flicker noise caused by artificial light
sources.
For proximity sensor (Prox) data conversions, the built-in
driver turns on an external infrared LED and the
proximity sensor ADC converts the reflected IR intensity
to digital. This ADC rejects ambient IR noise (such as
sunlight) and has a 540μs conversion time.
The ISL29028 provides low power operation of ALS and
proximity sensing with a typical 138μA normal operation
current (110μA for sensors and internal circuitry, ~28μA
for external LED) with 220mA current pulses for a net
100μs, repeating every 800ms (or under).
The ISL29028 uses both a hardware pin and software
bits to indicate an interrupt event has occurred. An ALS
interrupt is defined as a measurement which is outside a
set window. A proximity interrupt is defined as a
measurement over a threshold limit. The user may also
require that both ALS/prox interrupts occur at once, up
to 16 times in a row before activating the interrupt pin.
The ISL29028 is designed to operate from 2.25V to
3.63V over the -40°C to +85°C ambient temperature
range. It is packaged in a clear, lead-free 8 lead ODFN
package.
Pin Configuration
ISL29028
8 LD ODFN (2.0x2.1x0.7mm)
TOP VIEW
Features
• Works Under All Light Sources Including Sunlight
• Dual ADCs Measure ALS/Prox Concurrently
• Intelligent Interrupt Scheme Simplifies μC Code
Ambient Light Sensing
• Simple Output Code Directly Proportional to lux
• 50Hz/60Hz Flicker Noise and IR Rejection
• Light Sensor Close to Human Eye Response
• Selectable 125/2000 Lux Range
Proximity Sensing
• Proximity Sensor with Broad IR Spectrum
- Can Use 850nm and 950nm External IR LEDs
•IR LED Driver with I2C Programmable Sink Currents
- Net 100μs Pulse with 110mA or 220mA Amplitudes
- Periodic Sleep Time up to 800ms Between Pulses
• Ambient IR Noise Cancellation (Including Sunlight)
Intelligent and Flexible Interrupts
• Independent ALS/Prox Interrupt Thresholds
• Adjustable Interrupt Persistency
- 1/4/8/16 Consecutive Triggers Required Before
Interrupt
Ultra Low Power
•138μA DC Typical Supply Current for ALS/Prox Sensing
-110μA for Sensors and Internal Circuitry
-28μA Typical Current for External IR LED (Assuming
220mA for 100μs Every 800ms)
•<1.0μA Supply Current When Powered Down
Easy to Use
• Set Registers; Wait for Interrupt
•I2C (SMBus Compatible) Output
• Temperature Compensated
• Tiny ODFN8 2.0x2.1x0.7 (mm) Package
Additional Features
• 1.7V to 3.63V Supply for I2C Interface
• 2.25V to 3.63V Sensor Power Supply
• Pb-Free (RoHS compliant)
•I2C Address Selection Pin
Applications*(see page 15)
• Display and Keypad Dimming Adjustment and
Proximity Sensing for:
- Mobile Devices: Smart Phone, PDA, GPS
- Computing Devices: Laptop PC, Netbook
- Consumer Devices: LCD-TV, Digital Picture Frame,
Digital Camera
• Industrial and Medical Light and Proximity Sensing
1
2
3
8
7
6
ADDR0
VDD
GND
IRDR
INT
SDA
4
5
REXT
SCL
THERMAL
PAD
*THERMAL PAD CAN BE CONNECTED TO GND OR
ELECTRICALLY ISOLATED
November 4, 2011
FN6780.2


Similar Part No. - ISL29028IROZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29028IROZ-T7 INTERSIL-ISL29028IROZ-T7 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
Renesas Technology Corp
ISL29028IROZ-T7 RENESAS-ISL29028IROZ-T7 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results

Similar Description - ISL29028IROZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29028A_1103 INTERSIL-ISL29028A_1103 Datasheet
745Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29030IROZ-T7 INTERSIL-ISL29030IROZ-T7 Datasheet
538Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
November 12, 2012
logo
Renesas Technology Corp
ISL29030 RENESAS-ISL29030 Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com