Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITRA-0249-D104 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ITRA-0249-D104
Description  Pulse transformers for THT mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ITRA-0249-D104 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ITRA-0249-D104 Datasheet HTML 1Page - List of Unclassifed Manufacturers ITRA-0249-D104 Datasheet HTML 2Page - List of Unclassifed Manufacturers ITRA-0249-D104 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Pulse Transformers
IT
www.schurter.com/PG85
EMC Products
Variants
Turns Ratio
Tr [μs]
Iign [A]
Uisol
[kV]
Us x Tw
[V
μs]
Ls [mH] RP [Ω]
RS [Ω] CC [pF] Weight [g]
Packing unit [pcs.]
Housing
Order Number
1:1
0.05
0.1
3.2
200
2.8
1.5
1
43/80
8 g
480
35-3
ITRA-0235-D103
1:1
0.9
0.1
3.5
200
2.8
1
1
20
8 g
480
35-3
ITNA-0235-D103
1:1
0.1
0.5
3.2
400
2.2
0.4
0.4
100
11 g
140
39-3
ITRA-0239-D502
1:1
1
0.17
3.5
400
2.2
0.4
0.4
20
11 g
140
39-3
ITNA-0239-D202
1:1
0.05
0.1
3.2
300
3.5
0.7
0.7
90
9 g
45
49-3
ITRA-0249-D104
1:1
1
0.1
3.5
300
3.5
0.7
0.7
20
9 g
45
49-3
ITNA-0249-D104
1:1:1
0.05
0.1
3.2
150
1.1
1
0.5
40
8 g
480
35-4
ITRF-0235-D101
1:1:1
0.5
0.5
3.2
350
1.6
0.4
0.4
90
10 g
140
39-4
ITRF-0239-D502
1:1:1
1.5
0.17
3.5
350
1.6
0.4
0.4
20
10 g
140
39-4
ITNF-0239-D202
1:1:1
1
0.1
3.5
250
1.4
0.5
0.5
20
9 g
45
49-4
ITNF-0249-D101
2:1
0.5
0.5
3.2
350
1.8
0.8
0.4
90
9 g
140
39-3
ITRB-0239-D502
2:1
0.05
0.1
3.2
250
1.4
1
0.5
70
9 g
45
49-3
ITRB-0249-D101
2:1
1
0.1
3.5
250
1.6
1
0.5
20
6 g
45
49-3
ITNB-0249-D101
Availability for all products can be searched real-time:http://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments.
Information furnished is believed to be accurate and reliable. However, users should independently evaluate
the suitability and test each product selected for their own applications.


Similar Part No. - ITRA-0249-D104

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
ITRA-0235-D103 SCHURTER-ITRA-0235-D103 Datasheet
279Kb / 3P
   Pulse transformers for THT mounting
04.01.2022
More results

Similar Description - ITRA-0249-D104

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
ITRA-0235-D103 SCHURTER-ITRA-0235-D103 Datasheet
279Kb / 3P
   Pulse transformers for THT mounting
04.01.2022
ITNA-0235-D103 SCHURTER-ITNA-0235-D103 Datasheet
469Kb / 2P
   Pulse transformers for THT mounting
IL-11-0001 SCHURTER-IL-11-0001_V02 Datasheet
218Kb / 2P
   Cost optimized pulse transformers for THT mounting
04.01.2022
IL-11-0001 SCHURTER-IL-11-0001 Datasheet
419Kb / 2P
   Cost optimized pulse transformers for THT mounting
ILR SCHURTER-ILR_V02 Datasheet
211Kb / 2P
   Cost optimized pulse transformers for THT mounting, short rise time
04.01.2022
ILR SCHURTER-ILR Datasheet
345Kb / 1P
   Cost optimized pulse transformers for THT mounting, short rise time
ISRA-0235-D103 SCHURTER-ISRA-0235-D103 Datasheet
271Kb / 3P
   Pulse transformers for SMD mounting
04.01.2022
ISNA-0235-D103 SCHURTER-ISNA-0235-D103 Datasheet
497Kb / 3P
   Pulse transformers for SMD mounting
IX-30-0001 SCHURTER-IX-30-0001 Datasheet
317Kb / 1P
   Cost optimized pulse transformer for THT mounting, up to 2W
IX-30-0001 SCHURTER-IX-30-0001_V02 Datasheet
205Kb / 2P
   Cost optimized pulse transformer for THT mounting, up to 2W
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com