Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTJ6N150 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTJ6N150
Description  High Voltage Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTJ6N150 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTJ6N150 Datasheet HTML 1Page - IXYS Corporation IXTJ6N150 Datasheet HTML 2Page - IXYS Corporation IXTJ6N150 Datasheet HTML 3Page - IXYS Corporation IXTJ6N150 Datasheet HTML 4Page - IXYS Corporation IXTJ6N150 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTJ6N150
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 3A, Note 1
4.0
6.5
mS
C
iss
2230
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
170
pF
C
rss
64
pF
t
d(on)
22
ns
t
r
20
ns
t
d(off)
50
ns
t
f
38
ns
Q
g(on)
67
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 3A
12
nC
Q
gd
36
nC
R
thJC
1.0
°C/W
R
thCS
0.30
°
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
6
A
I
SM
Repetitive, Pulse Width Limited by T
JM
24
A
V
SD
I
F = 6A, VGS = 0V, Note 1
1.3
V
t
rr
1.5
μs
I
RM
12.0
A
Q
RM
9.0
μC
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 3A
R
G = 3Ω (External)
I
F = 3A, -di/dt = 100A/μs
V
R = 100V, VGS = 0V
ISO TO-247 (IXTJ) OUTLINE
PINS:
1 = Gate
2 = Drain
3 = Source
4 = Isolated


Similar Part No. - IXTJ6N150

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTJ36N20 IXYS-IXTJ36N20 Datasheet
72Kb / 2P
   N-Channel Enhancement Mode
logo
Inchange Semiconductor ...
IXTJ36N20 ISC-IXTJ36N20 Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTJ3N150 IXYS-IXTJ3N150 Datasheet
165Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXTJ4N150 IXYS-IXTJ4N150 Datasheet
160Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
More results

Similar Description - IXTJ6N150

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH6N120 IXYS-IXTH6N120 Datasheet
590Kb / 4P
   High Voltage Power MOSFET
IXTH1N300P3HV IXYS-IXTH1N300P3HV Datasheet
220Kb / 5P
   High Voltage Power MOSFET
2014
IXTY02N50D IXYS-IXTY02N50D_17 Datasheet
213Kb / 4P
   High Voltage Power MOSFET
IXTT1N450HV IXYS-IXTT1N450HV_V01 Datasheet
219Kb / 6P
   High Voltage Power MOSFET
04/14
IXTT1N450HV IXYS-IXTT1N450HV Datasheet
156Kb / 5P
   High Voltage Power MOSFET
IXTF03N400 IXYS-IXTF03N400 Datasheet
155Kb / 4P
   High Voltage Power MOSFET
IXTU05N100 IXYS-IXTU05N100 Datasheet
109Kb / 4P
   High Voltage Power MOSFET
IXFT12N100QHV IXYS-IXFT12N100QHV Datasheet
205Kb / 5P
   High Voltage Power MOSFET
IXTF1N450 IXYS-IXTF1N450 Datasheet
158Kb / 5P
   High Voltage Power MOSFET
IXTF02N450 IXYS-IXTF02N450 Datasheet
161Kb / 5P
   High Voltage Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com