Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTK46N50L Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTK46N50L
Description  Linear Power MOSFET With Extended FBSOA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTK46N50L Datasheet(HTML) 2 Page - IXYS Corporation

  IXTK46N50L Datasheet HTML 1Page - IXYS Corporation IXTK46N50L Datasheet HTML 2Page - IXYS Corporation IXTK46N50L Datasheet HTML 3Page - IXYS Corporation IXTK46N50L Datasheet HTML 4Page - IXYS Corporation IXTK46N50L Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXTK46N50L
IXTX46N50L
IXYS reserves the right to change limits, test conditions, and dimensions.
Note 1: Pulse test, t < 300
μs, duty cycle, d ≤ 2 %
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS
= 10 V; I
D = 0.5 • ID25, Note 1
7
10
13
S
C
iss
7000
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
900
pF
C
rss
170
pF
t
d(on)
40
ns
t
r
V
GS
= 15 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
50
ns
t
d(off)
R
G
= 2
Ω (External),
80
ns
t
f
42
ns
Q
g(on)
260
nC
Q
gs
V
GS
= 15 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
85
nC
Q
gd
125
nC
R
thJC
0.18
°C/W
R
thCS
0.15
°C/W
Safe Operating Area Specification
Symbol
Test Conditions
Min.
Typ.
Max.
SOA
V
DS = 400 V, ID = 0.6 A, TC = 90°C
240
W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0 V
46
A
I
SM
Repetitive; pulse width limited by T
JM
100
A
V
SD
I
F = IS,
V
GS = 0 V, Note 1
1.5
V
t
rr
I
F = IS, -di/dt = 100 A/μs, VR = 100V
600
ns
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2
6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
TO-264 (IXTK) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.83
5.21
.190
.205
A
1
2.29
2.54
.090
.100
A
2
1.91
2.16
.075
.085
b
1.14
1.40
.045
.055
b
1
1.91
2.13
.075
.084
b
2
2.92
3.12
.115
.123
C
0.61
0.80
.024
.031
D
20.80
21.34
.819
.840
E
15.75
16.13
.620
.635
e
5.45 BSC
.215 BSC
L
19.81
20.32
.780
.800
L1
3.81
4.32
.150
.170
Q
5.59
6.20
.220 0.244
R
4.32
4.83
.170
.190
Terminals:
1 - Gate
2 - Drain (Collector)
3 - Source (Emitter)
4 - Drain (Collector)
PLUS247TM (IXTX) Outline
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from data gathered during objective characterizations of preliminary engineering lots; but
also may yet contain some information supplied during a pre-production design evaluation. IXYS
reserves the right to change limits, test conditions, and dimensions without notice.


Similar Part No. - IXTK46N50L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTK46N50L ISC-IXTK46N50L Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTK46N50L

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH30N60L2 IXYS-IXTH30N60L2 Datasheet
147Kb / 5P
   Linear L2 Power MOSFET with extended FBSOA
IXTB62N50L IXYS-IXTB62N50L Datasheet
155Kb / 5P
   Linear Power MOSFET w/Extended FBSOA
IXTN8N150L IXYS-IXTN8N150L Datasheet
155Kb / 5P
   Linear Power MOSFET w/Extended FBSOA
IXTN200N10L2 IXYS-IXTN200N10L2 Datasheet
170Kb / 6P
   Linear L2TM Power MOSFET w/ Extended FBSOA
IXTK200N10L2 IXYS-IXTK200N10L2 Datasheet
139Kb / 5P
   Linear L2 Power MOSFET w/ Extended FBSOA
IXTH30N50L2 IXYS-IXTH30N50L2 Datasheet
147Kb / 5P
   Linear L2TM Power MOSFET with extended FBSOA N-Channel Enhancement Mode
IXTB30N100L IXYS-IXTB30N100L Datasheet
97Kb / 5P
   Power MOSFETs with Extended FBSOA
IXTK90N25L2 IXYS-IXTK90N25L2 Datasheet
163Kb / 5P
   LinearL2 Power MOSFET w/Extended FBSOA
IXTK20N150 IXYS-IXTK20N150 Datasheet
148Kb / 5P
   High Voltage Power MOSFET Extended FBSOA
IXTK60N50L2 IXYS-IXTK60N50L2 Datasheet
164Kb / 5P
   LinearL2 Power MOSFET w/Extended FBSOA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com