Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-IF38.912M-E Datasheet(PDF) 4 Page - Oscilent Corporation

Part # 813-IF38.912M-E
Description  38.912MHz IF SAW Filter for DAB Application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-IF38.912M-E Datasheet(HTML) 4 Page - Oscilent Corporation

  813-IF38.912M-E Datasheet HTML 1Page - Oscilent Corporation 813-IF38.912M-E Datasheet HTML 2Page - Oscilent Corporation 813-IF38.912M-E Datasheet HTML 3Page - Oscilent Corporation 813-IF38.912M-E Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Oscilent Part Number
813-IF38.912M-E
April 2011 Rev O
38.912MHz IF SAW Filter for DAB Application
Product Specification
P. 3
www.oscilent.com
Frequency Response
S21 Frequency Response (In case of 50
Ω single ended)
Group Delay Variation


Similar Part No. - 813-IF38.912M-E

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF38.912M-F OSCILENT-813-IF38.912M-F Datasheet
128Kb / 4P
   38.912MHz IF SAW Filter for DAB Application
More results

Similar Description - 813-IF38.912M-E

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF38.912M-F OSCILENT-813-IF38.912M-F Datasheet
128Kb / 4P
   38.912MHz IF SAW Filter for DAB Application
logo
TAI-SAW TECHNOLOGY CO.,...
TB0275A TAI-SAW-TB0275A Datasheet
392Kb / 4P
   SAW IF Filter 38.912MHz
logo
Oscilent Corporation
871-IF38.912M-F OSCILENT-871-IF38.912M-F_14 Datasheet
121Kb / 4P
   38.912 MHz IF SAW Filter for DAB Application
logo
Transko Electronics, In...
TA38FV TRANSKO-TA38FV Datasheet
467Kb / 3P
   38.912 MHz IF SAW Filter for DAB Application
Revision 0: 07. April. 2011
logo
Oscilent Corporation
871-IF38.912M-E OSCILENT-871-IF38.912M-E_14 Datasheet
318Kb / 4P
   38. 912 MHz IF SAW Filter for DAB Application
871-IF38.912M-F OSCILENT-871-IF38.912M-F Datasheet
364Kb / 3P
   38.912 MHz IF SAW Filter for DAB Application 1.5 MHz Bandwidth
871-IF38.912M-E OSCILENT-871-IF38.912M-E Datasheet
423Kb / 3P
   38.912 MHz IF SAW Filter for DAB Application 1.5 MHz Bandwidth
logo
Fujitsu Component Limit...
SBF0402GPL FUJITSU-SBF0402GPL Datasheet
72Kb / 4P
   IF Filter for DAB
logo
TEMIC Semiconductors
U2759B TEMIC-U2759B Datasheet
141Kb / 9P
   IF Signal Processing for DAB
logo
Epson ToYoCom
TQS-472BA-7R EPSONTOYOCOM-TQS-472BA-7R Datasheet
341Kb / 2P
   SAW FILTER FOR CELLULAR / IF
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com