Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-SL48.0M-03A Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 813-SL48.0M-03A
Description  48.0MHz IF SAW Filter 3.40MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL48.0M-03A Datasheet(HTML) 2 Page - Oscilent Corporation

  813-SL48.0M-03A Datasheet HTML 1Page - Oscilent Corporation 813-SL48.0M-03A Datasheet HTML 2Page - Oscilent Corporation 813-SL48.0M-03A Datasheet HTML 3Page - Oscilent Corporation 813-SL48.0M-03A Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Oscilent Part Number
813-SL48.0M-03A
January 2011 Rev A
48.0MHz IF SAW Filter 3.40MHz Bandwidth
Product Specification
P. 1
www.oscilent.com
Mechanical Dimensions (mm)
Test Circuit
Pin Description
A, B, C, D, F, G, H, I, J, L Ground
K Input +
L Input -
E Output +
F Output -
Test Fixture & Values
Input L1=82nH, L2=18nH
Output C1=68pF, L3=750nH
Source/Load Impedance 50/2000 Ω


Similar Part No. - 813-SL48.0M-03A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL48.0M-10A OSCILENT-813-SL48.0M-10A Datasheet
163Kb / 4P
   48.0MHz IF SAW Filter 10.10MHz Bandwidth
More results

Similar Description - 813-SL48.0M-03A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL48.0M-10A OSCILENT-813-SL48.0M-10A Datasheet
163Kb / 4P
   48.0MHz IF SAW Filter 10.10MHz Bandwidth
logo
Golledge Electronics Lt...
MP01495 GOLLEDGE-MP01495 Datasheet
104Kb / 5P
   SAW Filter 48.0MHz
logo
SIPAT Co,Ltd
LBN12903 SIPAT-LBN12903 Datasheet
142Kb / 4P
   129.1MHz IF SAW Filter 18MHz Bandwidth
LBS12025 SIPAT-LBS12025 Datasheet
144Kb / 4P
   119.6MHz IF SAW Filter 2MHz Bandwidth
LBS13007 SIPAT-LBS13007 Datasheet
141Kb / 4P
   130MHz IF SAW Filter 4MHz Bandwidth
LBS14099 SIPAT-LBS14099 Datasheet
140Kb / 4P
   140MHz IF SAW Filter 3MHz Bandwidth
logo
Oscilent Corporation
809-SL75.0M-05B OSCILENT-809-SL75.0M-05B Datasheet
210Kb / 6P
   75.0MHz IF SAW Filter 5.59MHz Bandwidth
logo
SIPAT Co,Ltd
LBS13007 SIPAT-LBS13007 Datasheet
146Kb / 4P
   130MHz IF SAW Filter 4MHz Bandwidth
logo
Oscilent Corporation
813-IF120.0M-11B OSCILENT-813-IF120.0M-11B Datasheet
217Kb / 6P
   120.0MHz IF SAW Filter 11.47MHz Bandwidth
813-IF120.3M-10A OSCILENT-813-IF120.3M-10A Datasheet
214Kb / 6P
   120.3MHz IF SAW Filter 10.55MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com