Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5814 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5814
Description  Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5814 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5814 Datasheet HTML 6Page - Maxim Integrated Products MAX5814 Datasheet HTML 7Page - Maxim Integrated Products MAX5814 Datasheet HTML 8Page - Maxim Integrated Products MAX5814 Datasheet HTML 9Page - Maxim Integrated Products MAX5814 Datasheet HTML 10Page - Maxim Integrated Products MAX5814 Datasheet HTML 11Page - Maxim Integrated Products MAX5814 Datasheet HTML 12Page - Maxim Integrated Products MAX5814 Datasheet HTML 13Page - Maxim Integrated Products MAX5814 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MAX5813/MAX5814/MAX5815
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and I2C Interface
10
Maxim Integrated
Typical Operating Characteristics (continued)
(MAX5815, 12-bit performance, TA = +25°C, unless otherwise noted.)
MAJOR CODE TRANSITION
GLITCH ENERGY
(VDD = VREF = 5V, RL = 2kI, CL = 200pF)
2µs/div
TRIGGER PULSE
5V/div
ZOOMED VOUT
3.3mV/div
1 LSB CHANGE
(MIDCODE TRANSITION
0x800 TO 0x7FF)
GLITCH ENERGY = 6nV•s
VOUT vs. TIME TRANSIENT
EXITING POWER-DOWN
MAX5813 toc20
DAC OUTPUT
500mV/div
10µs/div
VSCL
5V/div
0V
0V
VDD = 5V, VREF = 2.5V
EXTERNAL
36TH EDGE
POWER-ON RESET TO 0V
MAX5813 toc21
VOUT
2V/div
20µs/div
VDD
2V/div
0V
0V
VDD = VREF = 5V
10kI LOAD TO VDD
CHANNEL-TO-CHANNEL FEEDTHROUGH
(VDD = VREF = 5V, TA = +25NC, NO LOAD)
MAX5813 toc23
5µs/div
NO LOAD
NO LOAD
TRIGGER PULSE
10V/div
STATIC DAC
1.25mV/div
TRANSITIONING
DAC
1V/div
TRANSITIONING DAC: 0 TO FULL SCALE
STATIC DAC: MIDSCALE
ANALOG CROSSTALK = 1.8nV*s
CHANNEL-TO-CHANNEL FEEDTHROUGH
(VDD = VREF = 5V, TA = +25NC,
RL = 2kI, CL = 200pF)
MAX5813 toc22
4µs/div
TRIGGER PULSE
10V/div
TRANSITIONING
DAC
1V/div
RL = 2kI
NO LOAD
STATIC DAC
1.25mV/div
TRANSITIONING DAC: 0 TO FULL SCALE
STATIC DAC: MIDSCALE
ANALOG CROSSTALK = 3.5nV*s
CHANNEL-TO-CHANNEL FEEDTHROUGH
(VDD = 5V, VREF = 4.096V (INTERNAL),
TA = +25NC, RL = 2kI, CL = 200pF)
MAX5813 toc24
5µs/div
TRIGGER PULSE
10V/div
NO LOAD
STATIC DAC
1.25mV/div
TRANSITIONING
DAC
1V/div
TRANSITIONING DAC: 0 TO FULL SCALE
STATIC DAC: MIDSCALE
ANALOG CROSSTALK = 3.3nV*s
RL = 2kI


Similar Part No. - MAX5814

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5814 MAXIM-MAX5814 Datasheet
4Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5814AUD+T MAXIM-MAX5814AUD+T Datasheet
4Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
More results

Similar Description - MAX5814

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5813 MAXIM-MAX5813 Datasheet
4Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5713 MAXIM-MAX5713_V01 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5823 MAXIM-MAX5823 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
MAX5823 MAXIM-MAX5823_13 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com