Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92561 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92561
Description  Phase Dimmable, Single Stage Boost Controller for LED Lighting
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92561 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS92561 Datasheet HTML 2Page - Texas Instruments TPS92561 Datasheet HTML 3Page - Texas Instruments TPS92561 Datasheet HTML 4Page - Texas Instruments TPS92561 Datasheet HTML 5Page - Texas Instruments TPS92561 Datasheet HTML 6Page - Texas Instruments TPS92561 Datasheet HTML 7Page - Texas Instruments TPS92561 Datasheet HTML 8Page - Texas Instruments TPS92561 Datasheet HTML 9Page - Texas Instruments TPS92561 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
±40
±30
±20
±10
0
10
20
30
40
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (
ƒC)
Vsen Switching Threshold (Lower)
Vsen Switching Threshold (Upper)
C004
4.75
4.85
4.95
5.05
5.15
5.25
5.35
5.45
5.55
5.65
5.75
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (
ƒC)
Vcc UVLO Rising
Vcc UVLO Falling
C003
0.90
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (
ƒC)
C001
8.0
8.1
8.2
8.3
8.4
8.5
8.6
8.7
8.8
8.9
9.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (
ƒC)
C002
TPS92561
SLVSCD1B – DECEMBER 2013 – REVISED JANUARY 2014
www.ti.com
Typical Characteristics
VP = VP_NOM = 12 V
VP BIAS CURRENT (mA)
VCC VOLTAGE (V)
vs
vs
TEMPERATURE (°C)
TEMPERATURE (°C)
Figure 3. VP Operating Current
Figure 4. VCC Regulated Voltage
(Non-Switching)
VCC UVLO (V)
VSEN SWITCHING THRESHOLDS (mV)
vs
vs
TEMPERATURE (°C)
TEMPERATURE (°C)
Figure 5. VCC UVLO Thresholds
Figure 6. VSEN Switching Thresholds (mV)
6
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links :TPS92561


Similar Part No. - TPS92561

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92561 TI1-TPS92561 Datasheet
1Mb / 31P
[Old version datasheet]   Phase-Dimmable, Single-Stage Boost Controller for LED Lighting
TPS92561DGN TI1-TPS92561DGN Datasheet
1Mb / 31P
[Old version datasheet]   Phase-Dimmable, Single-Stage Boost Controller for LED Lighting
TPS92561DGNR TI1-TPS92561DGNR Datasheet
1Mb / 31P
[Old version datasheet]   Phase-Dimmable, Single-Stage Boost Controller for LED Lighting
More results

Similar Description - TPS92561

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92561 TI1-TPS92561 Datasheet
1Mb / 31P
[Old version datasheet]   Phase-Dimmable, Single-Stage Boost Controller for LED Lighting
logo
Excelliance MOS Corp.
EM8822A EXCELLIANCE-EM8822A Datasheet
493Kb / 9P
   Single stage Buck/Buck-Boost PFC Controller for LED Lighting
logo
Diodes Incorporated
AL1663 DIODES-AL1663 Datasheet
436Kb / 15P
   SINGLE STAGE DIMMABLE LED CONTROLLER
AL1663 DIODES-AL1663_17 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
logo
Cypress Semiconductor
CY8CLEDAC02 CYPRESS-CY8CLEDAC02 Datasheet
1Mb / 20P
   AC-DC Controller for Dimmable LED Lighting
logo
NXP Semiconductors
SSL3401HN PHILIPS-SSL3401HN Datasheet
351Kb / 29P
   Low voltage dimmable controller for LED lighting
Rev. 2-28 January 2014
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
   SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
Princeton Technology Co...
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
   PSR and Single Stage PFC Controller for LED Lighting
logo
Cirrus Logic
CS1615 APEX-CS1615 Datasheet
387Kb / 16P
   Single Stage Dimmable Offline AC/DC Controller for LED Lamps
logo
Cypress Semiconductor
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
   Phase Dimmable PSR LED Driver IC for LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com