Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBDAWT-00-0000-00000HBE7 Datasheet(PDF) 10 Page - Cree, Inc

Part # XBDAWT-00-0000-00000HBE7
Description  XLAMP XB-D LEDS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XBDAWT-00-0000-00000HBE7 Datasheet(HTML) 10 Page - Cree, Inc

Back Button XBDAWT-00-0000-00000HBE7 Datasheet HTML 6Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 7Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 8Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 9Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 10Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 11Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 12Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 13Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
10
xlamp xB-D leDs
relative fluX vs. curreNt (t
J = 25 °c) - coNtiNued
relative chromaticity vs. curreNt (Warm White)
Relative Intensity vs. Current (Tj = 25ºC)
royal blue
0
50
100
150
200
250
300
0
100
200
300
400
500
600
700
800
900
1000
Forward Current (mA)
Royal Blue
Relative Chromaticity Vs. Current, WW
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
100
200
300
400
500
600
700
800
900
1000
Current (mA)
ΔCCx
ΔCCy
T
J
= 85 °C


Similar Part No. - XBDAWT-00-0000-00000HBE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-00000HBE7 CREE-XBDAWT-00-0000-00000HBE7 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
XBDAWT-00-0000-00000HBE7 CREE-XBDAWT-00-0000-00000HBE7 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDAWT-00-0000-00000HBE7 CREE-XBDAWT-00-0000-00000HBE7 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
XBDAWT-00-0000-00000HBE7 CREE-XBDAWT-00-0000-00000HBE7 Datasheet
1Mb / 19P
   XLamp XB-D LEDs
More results

Similar Description - XBDAWT-00-0000-00000HBE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XB-D CREE-XB-D Datasheet
1Mb / 19P
   XLamp XB-D LEDs
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
logo
Cree, Inc
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XB-H CREE-XB-H Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
CLD-AP90 CREE-CLD-AP90 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XB-D LEDs
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com