Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBDAWT-00-0000-00000HBE7 Datasheet(PDF) 3 Page - Cree, Inc

Part # XBDAWT-00-0000-00000HBE7
Description  XLAMP XB-D LEDS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XBDAWT-00-0000-00000HBE7 Datasheet(HTML) 3 Page - Cree, Inc

  XBDAWT-00-0000-00000HBE7 Datasheet HTML 1Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 2Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 3Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 4Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 5Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 6Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 7Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 8Page - Cree, Inc XBDAWT-00-0000-00000HBE7 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
3
xlamp xB-D leDs
fluX characteristics - White (t
J = 85 °c)
The following table provides several base order codes for XLamp XB-D LeDs. It is important to note that the base order
codes listed here are a subset of the total available order codes for the product family. For more order codes, as well as
a complete description of the order-code nomenclature, please consult the XLamp XB-D Binning and Labeling document.
color
cct range
Base order codes
min. luminous flux
@ 350 ma
calculated minimum
luminous flux (lm)**
order code
min.
max.
Group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
700 ma
1000 ma
Cool White
5000 K
8300 K
R3
122
139
210
271
XBDAWT-00-0000-000000F51
R2
114
130
196
253
XBDAWT-00-0000-000000e51
70 CRI minimum
Cool White
5000 K
8300 K
R3
122
139
210
271
XBDAWT-00-0000-00000BF51
R2
114
130
196
253
XBDAWT-00-0000-00000Be51
Neutral White
3700 K
5000 K
R2
114
130
196
253
XBDAWT-00-0000-00000Lee4
Q5
107
122
184
237
XBDAWT-00-0000-00000LDe4
Q4
100
114
172
222
XBDAWT-00-0000-00000LCe4
80 CRI minimum
White
2600 K
6200 K
Q4
100
114
172
222
XBDAWT-00-0000-00000HCE7
Q3
93.9
107
162
208
XBDAWT-00-0000-00000HBE7
Q2
87.4
100
150
194
XBDAWT-00-0000-00000HAE7
Warm White
2600 K
3700 K
Q4
100
114
172
222
XBDAWT-00-0000-00000LCe7
Q3
93.9
107
162
208
XBDAWT-00-0000-00000LBe7
Q2
87.4
100
150
194
XBDAWT-00-0000-00000LAe7
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy)
measurements and ±2 on CRI measurements.
Typical CRI for Neutral White, 3700 K - 5000K CCT is 75.
Typical CRI for Warm White, 2600 K - 3700 K CCT is 80.
minimum CRI for 70 CRI minimum Cool White is 70.
minimum CRI for 80 CRI minimum White is 80.
*
Flux values @ 25 °C are calculated and are for reference only.
** Calculated flux values at 700 mA and 1000 mA are for 85 °C and are for reference only.
3


Similar Part No. - XBDAWT-00-0000-00000HBE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-00000HBE7 CREE-XBDAWT-00-0000-00000HBE7 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
XBDAWT-00-0000-00000HBE7 CREE-XBDAWT-00-0000-00000HBE7 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDAWT-00-0000-00000HBE7 CREE-XBDAWT-00-0000-00000HBE7 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
XBDAWT-00-0000-00000HBE7 CREE-XBDAWT-00-0000-00000HBE7 Datasheet
1Mb / 19P
   XLamp XB-D LEDs
More results

Similar Description - XBDAWT-00-0000-00000HBE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XB-D CREE-XB-D Datasheet
1Mb / 19P
   XLamp XB-D LEDs
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
logo
Cree, Inc
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XB-H CREE-XB-H Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
CLD-AP90 CREE-CLD-AP90 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XB-D LEDs
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com