Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPEWHT-L1-0000-00E01 Datasheet(PDF) 2 Page - Cree, Inc

Part # XPEWHT-L1-0000-00E01
Description  XLamp XP-E LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEWHT-L1-0000-00E01 Datasheet(HTML) 2 Page - Cree, Inc

  XPEWHT-L1-0000-00E01 Datasheet HTML 1Page - Cree, Inc XPEWHT-L1-0000-00E01 Datasheet HTML 2Page - Cree, Inc XPEWHT-L1-0000-00E01 Datasheet HTML 3Page - Cree, Inc XPEWHT-L1-0000-00E01 Datasheet HTML 4Page - Cree, Inc XPEWHT-L1-0000-00E01 Datasheet HTML 5Page - Cree, Inc XPEWHT-L1-0000-00E01 Datasheet HTML 6Page - Cree, Inc XPEWHT-L1-0000-00E01 Datasheet HTML 7Page - Cree, Inc XPEWHT-L1-0000-00E01 Datasheet HTML 8Page - Cree, Inc XPEWHT-L1-0000-00E01 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
2
xlamp xp-e leds
characteristics
characteristics
unit
minimum
typical
maximum
Thermal resistance, junction to solder point - white, royal blue, blue
°C/W
9
Thermal resistance, junction to solder point - green
°C/W
15
Thermal resistance, junction to solder point - amber, red-orange, red
°C/W
10
Viewing angle (FWHM) ‑ white
degrees
115
Viewing angle (FWHM) ‑ royal blue, blue, green, amber, red‑orange, red
degrees
130
Temperature coefficient of voltage ‑ white
mv/°C
-3.0
Temperature coefficient of voltage ‑ royal blue, blue
mv/°C
-3.3
Temperature coefficient of voltage ‑ green
mv/°C
-3.8
Temperature coefficient of voltage ‑ amber
mv/°C
-1.2
Temperature coefficient of voltage ‑ red‑orange, red
mv/°C
-1.8
ESD withstand voltage (HBM per Mil‑Std‑883D) ‑ white, royal blue, blue, green
v
8000
ESD classification (HBM per Mil‑Std‑883D) ‑ amber, red‑orange, red
Class 2
DC forward current - white, royal blue, blue, green
mA
1000
DC forward current - amber
mA
500
DC forward current - red-orange, red
mA
700
Reverse voltage
v
5
Forward voltage (@ 350 mA) - white
v
3.05
3.9
Forward voltage (@ 350 mA) - royal blue, blue
v
3.1
3.9
Forward voltage (@ 350 mA) - green
v
3.3
3.9
Forward voltage (@ 350 mA) - amber, red-orange, red
v
2.1
2.5
Forward voltage (@ 500 mA) - amber
v
2.3
Forward voltage (@ 700 mA) - white
v
3.3
Forward voltage (@ 700 mA) - red-orange, red
v
2.3
Forward voltage (@ 1000 mA) - white, royal blue, blue
v
3.5
Forward voltage (@ 1000 mA) - green
v
3.8
LeD junction temperature
°C
150


Similar Part No. - XPEWHT-L1-0000-00E01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-00E01 CREE-XPEWHT-L1-0000-00E01 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
XPEWHT-L1-0000-00E01 CREE-XPEWHT-L1-0000-00E01 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPEWHT-L1-0000-00E01 CREE-XPEWHT-L1-0000-00E01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
More results

Similar Description - XPEWHT-L1-0000-00E01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
   XLamp® XP-C LEDs
2008-2021
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
logo
Cree, Inc
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com