Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPEBWT-01-0000-00DC2 Datasheet(PDF) 10 Page - Cree, Inc

Part # XPEBWT-01-0000-00DC2
Description  XLamp XP-E2 LEDs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEBWT-01-0000-00DC2 Datasheet(HTML) 10 Page - Cree, Inc

Back Button XPEBWT-01-0000-00DC2 Datasheet HTML 6Page - Cree, Inc XPEBWT-01-0000-00DC2 Datasheet HTML 7Page - Cree, Inc XPEBWT-01-0000-00DC2 Datasheet HTML 8Page - Cree, Inc XPEBWT-01-0000-00DC2 Datasheet HTML 9Page - Cree, Inc XPEBWT-01-0000-00DC2 Datasheet HTML 10Page - Cree, Inc XPEBWT-01-0000-00DC2 Datasheet HTML 11Page - Cree, Inc XPEBWT-01-0000-00DC2 Datasheet HTML 12Page - Cree, Inc XPEBWT-01-0000-00DC2 Datasheet HTML 13Page - Cree, Inc XPEBWT-01-0000-00DC2 Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Copyright © 2012-2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
10
xlamp® xp-e2 leds
relative chromaticity vs. current and temPerature - Warm White*
* Warm White XLamp XP-e2 LeDs have a typical CRI of 80.
Relative Chromaticity Vs. Current, WW
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
100
200
300
400
500
600
700
800
900
1000
Current (mA)
ΔCCx
ΔCCy
T
J
= 85 °C
Relative Chromaticity Vs. Temperature WW
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
20
40
60
80
100
120
140
160
Tsp (°C)
ΔCCx
ΔCCy
I
F
= 350 mA


Similar Part No. - XPEBWT-01-0000-00DC2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-01-0000-00DC2 CREE-XPEBWT-01-0000-00DC2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-01-0000-00DC2 CREE-XPEBWT-01-0000-00DC2 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPEBWT-01-0000-00DC2 CREE-XPEBWT-01-0000-00DC2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
More results

Similar Description - XPEBWT-01-0000-00DC2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
   XLamp® XP-C LEDs
2008-2021
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
logo
Cree, Inc
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com