Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLCSWT-H1-0000-0000E3 Datasheet(PDF) 11 Page - Cree, Inc

Part # MLCSWT-H1-0000-0000E3
Description  Available in white (2600 K to 8300 K CCT), 80-, 85- and 90- CRI minimum and royal blue
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MLCSWT-H1-0000-0000E3 Datasheet(HTML) 11 Page - Cree, Inc

Back Button MLCSWT-H1-0000-0000E3 Datasheet HTML 7Page - Cree, Inc MLCSWT-H1-0000-0000E3 Datasheet HTML 8Page - Cree, Inc MLCSWT-H1-0000-0000E3 Datasheet HTML 9Page - Cree, Inc MLCSWT-H1-0000-0000E3 Datasheet HTML 10Page - Cree, Inc MLCSWT-H1-0000-0000E3 Datasheet HTML 11Page - Cree, Inc MLCSWT-H1-0000-0000E3 Datasheet HTML 12Page - Cree, Inc MLCSWT-H1-0000-0000E3 Datasheet HTML 13Page - Cree, Inc MLCSWT-H1-0000-0000E3 Datasheet HTML 14Page - Cree, Inc MLCSWT-H1-0000-0000E3 Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
11
XLamp mL-C LEDs
tyPical sPatial distribution - White
tyPical sPatial distribution - royal blue
0%
20%
40%
60%
80%
100%
-100
-80
-60
-40
-20
0
20
40
60
80
100
Angle (º)
royal blue
0%
20%
40%
60%
80%
100%
-100
-80
-60
-40
-20
0
20
40
60
80
100
Angle (º)


Similar Part No. - MLCSWT-H1-0000-0000E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MLCSWT-H1-0000-0000E3 CREE-MLCSWT-H1-0000-0000E3 Datasheet
1Mb / 19P
   XLamp LEDs
More results

Similar Description - MLCSWT-H1-0000-0000E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MLEAWT-A1-0000-000451 CREE-MLEAWT-A1-0000-000451 Datasheet
1Mb / 26P
   Available in white (2600 K to 8300 K CCT), 80-, 85- and 90?멌RI minimum
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
   80-min CRI White and 70-min CRI Cool White
logo
List of Unclassifed Man...
C5500-C-S-12 ETC2-C5500-C-S-12 Datasheet
584Kb / 2P
   HB LEDs available in white, red, blue, and green
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
logo
NXP Semiconductors
PEMD48_PUMD48 PHILIPS-PEMD48_PUMD48_15 Datasheet
969Kb / 16P
   NPN/PNP resistor-equipped transistors R1 = 47 k?? R2 = 47 k??and R1 = 2.2 k?? R2 = 47 k?
Rev. 6-24 January 2012
logo
Nexperia B.V. All right...
PEMD48 NEXPERIA-PEMD48_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k and R1 = 2.2 k, R2 = 47 k
Rev. 6 - 24 January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com