Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XQEAWT-00-0000-00000LEE4 Datasheet(PDF) 11 Page - Cree, Inc

Part # XQEAWT-00-0000-00000LEE4
Description  XLamp XQ-E LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XQEAWT-00-0000-00000LEE4 Datasheet(HTML) 11 Page - Cree, Inc

Back Button XQEAWT-00-0000-00000LEE4 Datasheet HTML 7Page - Cree, Inc XQEAWT-00-0000-00000LEE4 Datasheet HTML 8Page - Cree, Inc XQEAWT-00-0000-00000LEE4 Datasheet HTML 9Page - Cree, Inc XQEAWT-00-0000-00000LEE4 Datasheet HTML 10Page - Cree, Inc XQEAWT-00-0000-00000LEE4 Datasheet HTML 11Page - Cree, Inc XQEAWT-00-0000-00000LEE4 Datasheet HTML 12Page - Cree, Inc XQEAWT-00-0000-00000LEE4 Datasheet HTML 13Page - Cree, Inc XQEAWT-00-0000-00000LEE4 Datasheet HTML 14Page - Cree, Inc XQEAWT-00-0000-00000LEE4 Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Copyright © 2013-2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
11
xlamp® xQ-e leds
thermal desiGn
The maximum forward current is determined by the thermal resistance between the LeD junction and ambient. It is
crucial for the end product to be designed in a manner that minimizes the thermal resistance from the solder point to
ambient in order to optimize lamp life and optical characteristics.
White
blue
Green
Pc amber
red-orange, red
Thermal Design - white
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 10 °C/W
Rj-a = 15 °C/W
Rj-a = 20 °C/W
Thermal Design - royal blue, blue
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 10 °C/W
Rj-a = 15 °C/W
Rj-a = 20 °C/W
Rj-a = 25 °C/W
Thermal Design - green
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 15 °C/W
Rj-a = 20 °C/W
Rj-a = 25 °C/W
Rj-a = 30 °C/W
Thermal Design - amber, red-orange, red
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Thermal Design - PC amber
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 15 °C/W
Rj-a = 20 °C/W
Rj-a = 25 °C/W
Rj-a = 30 °C/W


Similar Part No. - XQEAWT-00-0000-00000LEE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQEAWT-00-0000-00000LEE4 CREE-XQEAWT-00-0000-00000LEE4 Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQEAWT-00-0000-00000LEE4 CREELED-XQEAWT-00-0000-00000LEE4 Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
More results

Similar Description - XQEAWT-00-0000-00000LEE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
logo
Cree, Inc
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XQ-B CREE-XQ-B Datasheet
1Mb / 11P
   XLamp XQ-B LED
XQ-D CREE-XQ-D Datasheet
1Mb / 12P
   XLamp XQ-D LED
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
logo
Cree LED
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
   XLamp® ML-E LEDs
2023
logo
Cree, Inc
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com