Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPEWHT-L1-0000-00BE4 Datasheet(PDF) 5 Page - Cree, Inc

Part # XPEWHT-L1-0000-00BE4
Description  XLamp XP-E LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEWHT-L1-0000-00BE4 Datasheet(HTML) 5 Page - Cree, Inc

  XPEWHT-L1-0000-00BE4 Datasheet HTML 1Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 2Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 3Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 4Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 5Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 6Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 7Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 8Page - Cree, Inc XPEWHT-L1-0000-00BE4 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
5
xlamp xp-e leds
color
dominant Wavelength range
base order codes
min. luminous flux
(lm) @ 350 ma
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (lm)
Amber
A2
585
A3
595
M3
45.7
XpEAMB‑L1‑0000‑00301
N2
51.7
XpEAMB‑L1‑0000‑00401
N3
56.8
XpEAMB‑L1‑0000‑00501
N4
62.0
XpEAMB‑L1‑0000‑00601
P2
67.2
XpEAMB‑L1‑0000‑00701
P3
73.9
XpEAMB‑L1‑0000‑00801
P4
80.6
XpEAMB‑L1‑0000‑00901
color
dominant Wavelength range
base order codes
min. luminous flux
(lm) @ 350 ma
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (lm)
Red-
Orange
O3
610
O4
620
N3
56.8
XPeRDO-L1-0000-00501
N4
62.0
XPeRDO-L1-0000-00601
P2
67.2
XPeRDO-L1-0000-00701
P3
73.9
XPeRDO-L1-0000-00801
P4
80.6
XPeRDO-L1-0000-00901
Q2
87.4
XPeRDO-L1-0000-00A01
color
dominant Wavelength range
base order codes
min. luminous flux
(lm) @ 350 ma
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (lm)
Red
R2
620
R3
630
M3
45.7
XPeReD-L1-0000-00301
N2
51.7
XPeReD-L1-0000-00401
N3
56.8
XPeReD-L1-0000-00501
N4
62.0
XPeReD-L1-0000-00601
P2
67.2
XPeReD-L1-0000-00701
P3
73.9
XPeReD-L1-0000-00801
Note: Cree maintains a tolerance of ± 7% on flux and power measurements and ± 1 nm on dominant wavelength
measurements.
fluX characteristics (t
J = 25 °c) - color (continued)


Similar Part No. - XPEWHT-L1-0000-00BE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-00BE4 CREE-XPEWHT-L1-0000-00BE4 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
XPEWHT-L1-0000-00BE4 CREE-XPEWHT-L1-0000-00BE4 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPEWHT-L1-0000-00BE4 CREE-XPEWHT-L1-0000-00BE4 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
More results

Similar Description - XPEWHT-L1-0000-00BE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
   XLamp® XP-C LEDs
2008-2021
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
logo
Cree, Inc
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com