Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBDRDO-00-0000-000000A01 Datasheet(PDF) 4 Page - Cree, Inc

Part # XBDRDO-00-0000-000000A01
Description  XLAMP XB-D LEDS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XBDRDO-00-0000-000000A01 Datasheet(HTML) 4 Page - Cree, Inc

  XBDRDO-00-0000-000000A01 Datasheet HTML 1Page - Cree, Inc XBDRDO-00-0000-000000A01 Datasheet HTML 2Page - Cree, Inc XBDRDO-00-0000-000000A01 Datasheet HTML 3Page - Cree, Inc XBDRDO-00-0000-000000A01 Datasheet HTML 4Page - Cree, Inc XBDRDO-00-0000-000000A01 Datasheet HTML 5Page - Cree, Inc XBDRDO-00-0000-000000A01 Datasheet HTML 6Page - Cree, Inc XBDRDO-00-0000-000000A01 Datasheet HTML 7Page - Cree, Inc XBDRDO-00-0000-000000A01 Datasheet HTML 8Page - Cree, Inc XBDRDO-00-0000-000000A01 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
4
xlamp xB-D leDs
fluX characteristics - color (t
J = 25 °c)
The following table provides several base order codes for XLamp XB-D LeDs. It is important to note that the base order
codes listed here are a subset of the total available order codes for the product family. For more order codes, as well as
a complete description of the order-code nomenclature, please consult the XLamp XB-D Binning and Labeling document.
color
dominant Wavelength range
Base order codes
min. radiant flux
(mW) @ 350 ma
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (mW)
Royal
Blue
D36
450
D57
465
34 (N)
550
XBDRoY-00-0000-000000N01
33 (m)
525
XBDRoY-00-0000-000000m01
32 (L)
500
XBDRoY-00-0000-000000L01
31 (K)
475
XBDRoY-00-0000-000000K01
30 (J)
450
XBDROY-00-0000-000000J01
color
dominant Wavelength range
Base order codes
min. luminous flux
(lm) @ 350 ma
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (lm)
Blue
B3
465
B6
485
m2
39.8
XBDBLU-00-0000-000000201
K3
35.2
XBDBLU-00-0000-000000Z01
K2
30.6
XBDBLU-00-0000-000000Y01
color
dominant Wavelength range
Base order codes
min. luminous flux
(lm) @ 350 ma
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (lm)
Green
G2
520
G4
535
Q5
107
XBDGRN-00-0000-000000D01
Q4
100
XBDGRN-00-0000-000000C01
Q3
93.9
XBDGRN-00-0000-000000B01
Q2
87.4
XBDGRN-00-0000-000000A01
color
dominant Wavelength range
Base order codes
min. luminous flux
(lm) @ 350 ma
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (lm)
Amber
A2
585
A3
595
p3
73.9
XBDAmB-00-0000-000000801
p2
67.2
XBDAmB-00-0000-000000701
N4
62
XBDAmB-00-0000-000000601
N3
56.8
XBDAmB-00-0000-000000501


Similar Part No. - XBDRDO-00-0000-000000A01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDRDO-00-0000-000000A01 CREE-XBDRDO-00-0000-000000A01 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
XBDRDO-00-0000-000000A01 CREE-XBDRDO-00-0000-000000A01 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDRDO-00-0000-000000A01 CREE-XBDRDO-00-0000-000000A01 Datasheet
1Mb / 19P
   XLamp XB-D LEDs
logo
Cree LED
XBDRDO-00-0000-000000A01 CREELED-XBDRDO-00-0000-000000A01 Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
More results

Similar Description - XBDRDO-00-0000-000000A01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XB-D CREE-XB-D Datasheet
1Mb / 19P
   XLamp XB-D LEDs
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
logo
Cree, Inc
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XB-H CREE-XB-H Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
CLD-AP90 CREE-CLD-AP90 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XB-D LEDs
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com