Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLED7330 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZLED7330
Description  High Current 40V LED Driver with Switch Dimming
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7330 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZLED7330 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ZLED7330
High Current 40V LED Driver with Switch Dimming
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev.1.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
6 of 23
1
IC Characteristics
Note: Exceeding the maximum ratings given in this section could cause operation failure and/or cause permanent
damage to the ZLED7x30. Exposure to these conditions for extended periods may affect device reliability.
1.1
Absolute Maximum Ratings
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.1.1
Input voltage (also see
specification 1.2.2)
VIN
-0.3
50
V
1.1.2
ISENSE pin voltage
VISENSE
VIN≥5V
VIN-5V
VIN+0.3V
V
VIN<5V
-0.3V
VIN+0.3V
V
1.1.3
LX pin output voltage
VLX
-0.3
50
V
1.1.4
DIM1, DIM2 pin input
voltage
VDIM
-0.3
6
V
1.1.5
LX pin switch output current
ILX
1.5
A
1.1.6
Power dissipation
Ptot
0.5
W
1.1.7
ESD performance
Human Body Model
±3
kV
1.1.8
Junction temperature
TJ
150
°C
1.1.9
Junction to ambient thermal
resistance
RθJA
100
K/W
1.1.10
Storage temperature
TS
-55
150
°C
1.2
Operating Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.2.1
Operating temperature
Tamb
-40
105
°C
1.2.2
Input voltage (also see
specification 1.1.1)
VIN
8.5
40
V


Similar Part No. - ZLED7330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7330 ETC2-ZLED7330 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
logo
Integrated Device Techn...
ZLED7330 IDT-ZLED7330 Datasheet
615Kb / 22P
   High Current 40V LED Driver with Switch Dimming
logo
Renesas Technology Corp
ZLED7330 RENESAS-ZLED7330 Datasheet
759Kb / 23P
   High Current 40V LED Driver with Switch Dimming
April 20, 2016
logo
List of Unclassifed Man...
ZLED7330-ZI1R ETC2-ZLED7330-ZI1R Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
logo
Renesas Technology Corp
ZLED7330ZI1R RENESAS-ZLED7330ZI1R Datasheet
759Kb / 23P
   High Current 40V LED Driver with Switch Dimming
April 20, 2016
More results

Similar Description - ZLED7330

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZLED7030 IDT-ZLED7030 Datasheet
615Kb / 22P
   High Current 40V LED Driver with Switch Dimming
logo
List of Unclassifed Man...
ZLED7530 ETC2-ZLED7530 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
ZLED7730 ETC2-ZLED7730 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
ZLED7030 ETC2-ZLED7030 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
logo
Renesas Technology Corp
ZLED7030 RENESAS-ZLED7030 Datasheet
759Kb / 23P
   High Current 40V LED Driver with Switch Dimming
April 20, 2016
logo
Integrated Silicon Solu...
IS31LT3380 ISSI-IS31LT3380 Datasheet
444Kb / 12P
   40V/1.2A LED DRIVER WITH SWITCH DIMMING
IS31LT3380-GRLS3 ISSI-IS31LT3380-GRLS3 Datasheet
444Kb / 12P
   40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
Renesas Technology Corp
ZLED7X20 RENESAS-ZLED7X20 Datasheet
730Kb / 28P
   High Current 40V LED Driver with Internal Switch
April 20, 2016
logo
List of Unclassifed Man...
ZLED7020 ETC2-ZLED7020 Datasheet
2Mb / 28P
   High Current 40V LED Driver with Internal Switch
ZLED7720 ETC2-ZLED7720 Datasheet
2Mb / 28P
   High Current 40V LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com