Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTEARY-00-0000-000000P04 Datasheet(PDF) 1 Page - Cree, Inc

Part # XTEARY-00-0000-000000P04
Description  XLamp XT-E LEDs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEARY-00-0000-000000P04 Datasheet(HTML) 1 Page - Cree, Inc

  XTEARY-00-0000-000000P04 Datasheet HTML 1Page - Cree, Inc XTEARY-00-0000-000000P04 Datasheet HTML 2Page - Cree, Inc XTEARY-00-0000-000000P04 Datasheet HTML 3Page - Cree, Inc XTEARY-00-0000-000000P04 Datasheet HTML 4Page - Cree, Inc XTEARY-00-0000-000000P04 Datasheet HTML 5Page - Cree, Inc XTEARY-00-0000-000000P04 Datasheet HTML 6Page - Cree, Inc XTEARY-00-0000-000000P04 Datasheet HTML 7Page - Cree, Inc XTEARY-00-0000-000000P04 Datasheet HTML 8Page - Cree, Inc XTEARY-00-0000-000000P04 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Product family data sheet
cree
® Xlamp® Xt-e leds
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
Product descriPtion
XLamp® XT-e is Cree’s highest
performing silicon carbide-based
LeD
technology,
delivered
in
Cree’s
industry-standard
XP/XT
packaging. XT-e White sets the
new standard for high performance
and dramatically lowers system
cost. XT-e Royal Blue is Cree’s
highest performing source of royal
blue light for remote-phosphor
applications.
Cree XLamp LeDs bring high
performance
and
quality
of light to a wide range of
lighting
applications,
including
remote-phosphor, color-changing,
portable and personal, outdoor,
indoor-directional, transportation,
stage and studio, commercial and
emergency-vehicle lighting.
features
• Available in white, 80-CRI min
white, 70-CRI min white and
royal blue
• Warm white available in 85- and
90-CRI min.
• New: available in 2200 K CCT
• Binned at 85 °C
• Coolwhiteefficacyofupto
148 lm/W (@ 85 °C, 350 mA)
• RoyalBluewallplugefficiencyof
up to 53% (@ 85 °C, 350 mA)
• Wide viewing angle: 115-140°
• Thermal resistance: 5 °C/W
• Maximum drive current: 1.5 A
• electrically neutral thermal path
• vf binning supported for XT-e
White and Royal Blue
• XT-e Royal Blue sorted into
2.5-nm wavelength bins
• Unlimitedfloorlifeat
≤30ºC/85%RH
• Reflowsolderable-JEDEC
J-STD-020Ccompatible
• RoHS-andREACh-compliant
• UL-recognized component
(e349212)
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2011-2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
table of contents
Characteristics .......................... 2
Flux Characteristics.................... 3
Relative Spectral Power
Distribution............................... 5
Relative Luminous Flux vs.
JunctionTemperature................. 6
Relative Radiant Flux vs.
JunctionTemperature................. 6
electrical Characteristics............. 7
Relative Luminous Flux vs.
Current .................................... 8
Relative Radiant Flux vs. Current . 8
Relative Chromaticity vs. Current
and Temperature ....................... 9
Typical Spatial Distribution.........10
Thermal Design........................11
ReflowSolderingCharacteristics .12
Notes......................................13
Mechanical Dimensions..............14
Tape and Reel ..........................15
Packaging................................16
note: for remote phosphor applications, a separate license to certain cree patents is required.


Similar Part No. - XTEARY-00-0000-000000P04

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEARY-00-0000-000000P04 CREE-XTEARY-00-0000-000000P04 Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
More results

Similar Description - XTEARY-00-0000-000000P04

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
   XLamp XT-E High-Voltage White LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
   XLamp® ML-E LEDs
2023
logo
Cree, Inc
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com