Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS20601 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS20601
Description  206MHz SAW Filter 4.4MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS20601 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS20601 Datasheet HTML 1Page - SIPAT Co,Ltd LBS20601 Datasheet HTML 2Page - SIPAT Co,Ltd LBS20601 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS20601
Rev. Date
2013-09-12
Ver.
1.0
Page
3/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
206MHz SAW Filter
4.4MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBS20601
S20601
S20601
S20601
Typical Performance
Frequency Response
Passband Response
196
198
200
202
204
206
208
210
212
214
216
-118.0053
-108.0053
-98.0053
-88.0053
-78.0053
-68.0053
-58.0053
-48.0053
-38.0053
-28.0053
-18.0053
Type Performance
Frequency(MHz)
203
204
205
206
207
208
209
-30.5053
-30.0053
-29.5053
-29.0053
-28.5053
-28.0053
-27.5053
-27.0053
-26.5053
-26.0053
-25.5053
Type Performance
Frequency(MHz)
Horizontal: 2MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation
Phase Linearity
203
204
205
206
207
208
2000
2500
3000
3500
4000
4500
5000
X: 206
Y: 3413
Type Performance
Frequency(MHz)
X: 203.8
Y: 3354
X: 208.2
Y: 3322
203
204
205
206
207
208
209
-15
-10
-5
0
5
10
15
X: 206
Y: -0.2651
Type Performance
Frequency(MHz)
X: 203.8
Y: -0.6385
X: 208.2
Y : 4.11
Horizontal: 1MHz/Div
Vertical: 500ns/Div
Horizontal: 1MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBS20601

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS20.48 SIPAT-LBS20.48 Datasheet
43Kb / 1P
   SAW filter technical specification
LBS20003 SIPAT-LBS20003 Datasheet
142Kb / 3P
   200MHz SAW Filter 4MHz Bandwidth
LBS20003 SIPAT-LBS20003 Datasheet
148Kb / 3P
   200MHz SAW Filter 4MHz Bandwidth
LBS20012 SIPAT-LBS20012 Datasheet
320Kb / 3P
   199.6MHz SAW Filter 1.4MHz Bandwidth
LBS20201 SIPAT-LBS20201 Datasheet
137Kb / 3P
   202.5MHz SAW Filter 5MHz Bandwidth
More results

Similar Description - LBS20601

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT13005 SIPAT-LBT13005 Datasheet
143Kb / 3P
   130MHz SAW Filter 4.4MHz Bandwidth
LBS13202 SIPAT-LBS13202 Datasheet
255Kb / 3P
   131.8MHz SAW Filter 4.4MHz Bandwidth
LBS12039 SIPAT-LBS12039 Datasheet
149Kb / 3P
   120MHz SAW Filter 4.4MHz Bandwidth
LBT13101 SIPAT-LBT13101 Datasheet
313Kb / 3P
   130.9MHz SAW Filter 4.4MHz Bandwidth
LBT14064 SIPAT-LBT14064 Datasheet
128Kb / 3P
   140MHz SAW Filter 4.4MHz Bandwidth
LBT13005 SIPAT-LBT13005 Datasheet
286Kb / 3P
   130MHz SAW Filter 4.4MHz Bandwidth
LBS12039 SIPAT-LBS12039 Datasheet
149Kb / 3P
   120MHz SAW Filter 4.4MHz Bandwidth
LBT14064 SIPAT-LBT14064 Datasheet
133Kb / 3P
   140MHz SAW Filter 4.4MHz Bandwidth
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
   70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
   70MHz SAW Filter 18.6MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com