Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31050FEC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSC31050FEC
Description  Advanced Differential Sensor Signal Conditioner
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31050FEC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSC31050FEC Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ZSC31050
Advanced Differential Sensor Signal Conditioner
Data Sheet
July 7, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.12
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
9 of 31
1.3.1.
Cycle Rate versus Analog-to-Digital Conversion (ADC) Resolution
The following specifications are guaranteed by design and/or quality observations.
Table 1.4
Cycle Rate versus ADC Resolution
ADC Order
(OADC)
Resolution
rADC
Conversion Cycle fCYC
fCLK=2MHz
fCLK=2.25MHz
[Bit]
[Hz]
[Hz]
1
9
1302
1465
10
781
879
11
434
488
12
230
259
13
115
129
14
59
67
2
11
3906
4395
12
3906
4395
13
1953
2197
14
1953
2197
15
977
1099
1.3.2.
PWM Frequency
The following specifications are not measured in mass production; they are guaranteed by design and/or quality
observations.
Table 1.5
PWM Frequency
PWM
Resolution
rPWM [Bit]
PWM Freq. in Hz at 2 MHz Clock
1
PWM Freq./Hz at 2.25 MHz Clock
2
Clock Divider
Clock Divider
1
0.5
0.25
0.125
1
0.5
0.25
0.125
9
3906
1953
977
488
4395
2197
1099
549
10
1953
977
488
244
2197
1099
549
275
11
977
488
244
122
1099
549
275
137
12
488
244
122
61
549
275
137
69
1.
Internal RC oscillator: coarse adjustment to 1, 2 and 4 MHz, fine-tuning +/- 25%; external clock is also possible.
2.
Internal RC oscillator: coarse adjustment to 1.125, 2.25 and 4.5 MHz, fine-tuning +/- 25%; external clock is also possible.


Similar Part No. - ZSC31050FEC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSC31050FEC IDT-ZSC31050FEC Datasheet
859Kb / 29P
   Advanced Differential Sensor Signal Conditioner
More results

Similar Description - ZSC31050FEC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSC31050 IDT-ZSC31050 Datasheet
859Kb / 29P
   Advanced Differential Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31050 RENESAS-ZSC31050 Datasheet
442Kb / 30P
   Advanced Differential Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31050D ZMD-ZMD31050D Datasheet
328Kb / 20P
   Advanced Differential Sensor Signal Conditioner
ZMD31050 ZMD-ZMD31050 Datasheet
431Kb / 20P
   Advanced Differential Sensor Signal Conditioner
ZMD31050 ZMD-ZMD31050_09 Datasheet
423Kb / 23P
   Advanced Differential Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31050 RENESAS-ZSC31050_V01 Datasheet
821Kb / 31P
   Advanced Differential Sensor Signal Conditioner
January 14, 2022
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com