Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31050FEG1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ZSC31050FEG1
Description  Advanced Differential Sensor Signal Conditioner
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31050FEG1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ZSC31050FEG1 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSC31050FEG1 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31050FEG1 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31050FEG1 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31050FEG1 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31050FEG1 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31050FEG1 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31050FEG1 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31050FEG1 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ZSC31050
Advanced Differential Sensor Signal Conditioner
Data Sheet
July 7, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.12
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
8 of 31
1.3. Inherent Characteristics
For specifications marked with an asterisk (*), there is no measurement in mass production
—the parameter is
guaranteed by design and/or quality observations.
Table 1.3
Inherent Characteristics
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.1
Selectable input span,
pressure measurement
VIN_SP
Refer to section 2.3.1.
2
280
mV/V
1.3.2
Analog offset comp range
(6 bit setting)
-20
20
Counts
Maximum bias current
3
-25
25
Counts
1.3.3
A/D resolution
rADC
3-bit setting
2
9
15
Bits
1.3.4
D/A resolution
rDAC
At analog output
11
Bits
1.3.5
PWM resolution
rPWM
9
12
Bits
1.3.6
Bias current for external
temperature diodes
ITS
8
18
40
A
1.3.7
Sensitivity internal
temperature diode
STT_SI
Raw values without
conditioning
2800
3200
3600
ppm
F.S.
1 /K
1.3.8
Clock frequency*
fCLK
Guaranteed adjustment range
1
2
4
MHz
1.
Full scale.
2.
15-bit resolution is not applicable for 1
st order ADC and not recommended for sensors with high nonlinearity behavior.
3.
Set configuration word ADJREF:BCUR ( bits 4-6) to 111.


Similar Part No. - ZSC31050FEG1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSC31050FEG1 IDT-ZSC31050FEG1 Datasheet
859Kb / 29P
   Advanced Differential Sensor Signal Conditioner
More results

Similar Description - ZSC31050FEG1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSC31050 IDT-ZSC31050 Datasheet
859Kb / 29P
   Advanced Differential Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31050 RENESAS-ZSC31050 Datasheet
442Kb / 30P
   Advanced Differential Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31050D ZMD-ZMD31050D Datasheet
328Kb / 20P
   Advanced Differential Sensor Signal Conditioner
ZMD31050 ZMD-ZMD31050 Datasheet
431Kb / 20P
   Advanced Differential Sensor Signal Conditioner
ZMD31050 ZMD-ZMD31050_09 Datasheet
423Kb / 23P
   Advanced Differential Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31050 RENESAS-ZSC31050_V01 Datasheet
821Kb / 31P
   Advanced Differential Sensor Signal Conditioner
January 14, 2022
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com