Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31150FLC-R Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSC31150FLC-R
Description  Fast Automotive Sensor Signal Conditioner
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FLC-R Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSC31150FLC-R Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
9 of 24
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.7.6
Ratiometricity Error
REOUT_5
maximum error of
VDDE=5V to 4.5/5.5V
1000
ppm
1.3.7.7
Overall failure (deviation
from ideal line including
INL, gain, offset & temp
errors)
FALL TQI
FALL TQA
FALL TQE
13Bit 2
nd order ADC,
fCLK<=3MHz,
XZC=0
1,
no sensor caused effects;
inside of parenthesis:
digital readout
0.25 (0.1)
0.5 (0.25)
1.0 (0.5)
% FS
1.4.
Interface Characteristics & EEPROM
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.4.1. I²C
TM Interface (refer 'ZSC31150 Functional Description' for timing details)
1.4.1.1
Input-High-Level
2
VI²C_IN_H
0.8
VDDA
1.4.1.2
Input-Low-Level
2
VI²C_IN_L
0.2
VDDA
1.4.1.3
Output-Low-Level
2
VI²C_OUT_L
Open Drain, IOL<2mA
0.15
VDDA
1.4.1.4
SDA load capacitance
2
CSDA
400
pF
1.4.1.5
SCL clock frequency
2
fSCL
400
kHz
1.4.1.6
Internal pull-up resistor
2
RI²C
25
100
k
1.4.2. ZACwire™ One Wire Interface (OWI)
1.4.2.1
Input-Low-Level
2
VOWI_IN_L
0.2
VDDA
1.4.2.2
Input-High-Level
2
VOWI_IN_H
0.75
VDDA
1.4.2.3
Output-Low-Level
2
VOWI_OUT_L
Open Drain, IOL<2mA
t.b.d.
VDDA
1.4.2.4
Start Window
2
typ: @ fCLK=3MHz
96
175
455
ms
1.4.3. EEPROM
1.4.3.1
Ambient temperature
EEPROM programming
2
TAMB_EEP
-40
150
C
1.4.3.2
Write cycles
2
nWRI_EEP
@write <= 85°C
@write up to 150°C
100k
100
1.4.3.3
Read cycles
2
nREAD_EEP
<=175°C
3
8 * 10
8
1.4.3.4
Data retention
2
tRET_EEP
1300h @ 175°C
4
(=100000h@55°C &
27000h@125°C &
3000h@150°C)
15
a
1.4.3.5
Programming time
2
tWRI_EEP
per written word,
fCLK=3MHz
12
ms
1
XZC is active: additional overall failure of 25ppm/K for XZC=31 in maximum, failure decreases linear for XZC adjusts lower than 31
2
No measurement in mass production, parameter is guaranteed by design and/or quality observation.
3
valid for the dice, notice additional package and temperature version caused restrictions
4
over lifetime and valid for the dice, use calculation sheet 'ZMDI Temperature Profile Calculation Sheet' for temperature stress
calculation, notice additional package and temperature version caused restrictions


Similar Part No. - ZSC31150FLC-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31150FAB-R ETC2-ZSC31150FAB-R Datasheet
614Kb / 24P
   Fast Automotive Sensor Signal Conditioner
ZSC31150FAB-T ETC2-ZSC31150FAB-T Datasheet
614Kb / 24P
   Fast Automotive Sensor Signal Conditioner
ZSC31150FAC-R ETC2-ZSC31150FAC-R Datasheet
614Kb / 24P
   Fast Automotive Sensor Signal Conditioner
ZSC31150FAC-T ETC2-ZSC31150FAC-T Datasheet
614Kb / 24P
   Fast Automotive Sensor Signal Conditioner
ZSC31150FAD-R ETC2-ZSC31150FAD-R Datasheet
614Kb / 24P
   Fast Automotive Sensor Signal Conditioner
More results

Similar Description - ZSC31150FLC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSC31150 IDT-ZSC31150 Datasheet
658Kb / 26P
   Fast Automotive Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31150 ETC2-ZSC31150_12 Datasheet
776Kb / 26P
   Fast Automotive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31150 RENESAS-ZSC31150 Datasheet
771Kb / 27P
   Fast Automotive Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31150 ZMD-ZMD31150 Datasheet
514Kb / 17P
   Fast Automotive Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31150FEG1 ETC2-ZSC31150FEG1 Datasheet
614Kb / 24P
   Fast Automotive Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
   Automotive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
   Automotive Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com