Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JTN1aS-TMP-F-DC9V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # JTN1aS-TMP-F-DC9V
Description  High switching capacity 1a/1c 30A power relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JTN1aS-TMP-F-DC9V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  JTN1aS-TMP-F-DC9V Datasheet HTML 1Page - Panasonic Semiconductor JTN1aS-TMP-F-DC9V Datasheet HTML 2Page - Panasonic Semiconductor JTN1aS-TMP-F-DC9V Datasheet HTML 3Page - Panasonic Semiconductor JTN1aS-TMP-F-DC9V Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JT-N
ASCTB187E 201202-T
ORDERING INFORMATION
TYPES
1. 1 Form A Sealed type
Standard packing: PCB type: Carton: 50 pcs.; Case: 500 pcs.
TMP type: Carton: 50 pcs.; Case: 300 pcs.
High switching capacity
1a/1c 30A power relays
JT-N RELAYS
Nominal coil voltage
Part No.
PCB type
TMP type
5V DC
JTN1aS-PA-F-DC5V
JTN1aS-TMP-F-DC5V
6V DC
JTN1aS-PA-F-DC6V
JTN1aS-TMP-F-DC6V
9V DC
JTN1aS-PA-F-DC9V
JTN1aS-TMP-F-DC9V
12V DC
JTN1aS-PA-F-DC12V
JTN1aS-TMP-F-DC12V
15V DC
JTN1aS-PA-F-DC15V
JTN1aS-TMP-F-DC15V
18V DC
JTN1aS-PA-F-DC18V
JTN1aS-TMP-F-DC18V
24V DC
JTN1aS-PA-F-DC24V
JTN1aS-TMP-F-DC24V
PCB type
TMP type
RoHS compliant
FEATURES
• High switching capacity — 30 A for
1 Form A
• 2 contact arrangements — 1 Form A
or 1 Form C
• “TMP” types available
• UL, CSA recognized
• Class F types standard
TYPICAL APPLICATIONS
• Air conditioner
• Heating & ventilation
• Home appliance
Contact arrangement
1a:
1:
1 Form A
1 Form C
Protective construction
S: Sealed type
JTN
Mounting classification
TMP:
PA:
TMP type
PCB type
Coil insulation
F: Class F
Nominal coil voltage, DC
5V, 6V, 9V, 12V, 15V, 18V, 24V
Note: Certified by UL and CSA


Similar Part No. - JTN1aS-TMP-F-DC9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JTN1AS-TMP-F-DC9V PANASONIC-JTN1AS-TMP-F-DC9V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays Heating & ventilation Home appliance
More results

Similar Description - JTN1aS-TMP-F-DC9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JTN1AS-PA-F-DC5V PANASONIC-JTN1AS-PA-F-DC5V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays Heating & ventilation Home appliance
logo
Panasonic Battery Group
JTV PANASONICBATTERY-JTV Datasheet
90Kb / 4P
   Surge withstand voltage 6kV 1a/1c 30A power relays
logo
Panasonic Semiconductor
JTV1AS-PA-12V PANASONIC-JTV1AS-PA-12V Datasheet
90Kb / 4P
   Surge withstand voltage: 6kV 1a/1c 30A power relays
JTV1AS-PA-24V PANASONIC-JTV1AS-PA-24V Datasheet
90Kb / 4P
   Surge withstand voltage 6kV 1a/1c 30A power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
   1a/1c 10A cubic type power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
   1a/1c 10A cubic type power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com