Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2000GH Datasheet(PDF) 10 Page - Littelfuse

Part # K2000GH
Description  Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2000GH Datasheet(HTML) 10 Page - Littelfuse

Back Button K2000GH Datasheet HTML 2Page - Littelfuse K2000GH Datasheet HTML 3Page - Littelfuse K2000GH Datasheet HTML 4Page - Littelfuse K2000GH Datasheet HTML 5Page - Littelfuse K2000GH Datasheet HTML 6Page - Littelfuse K2000GH Datasheet HTML 7Page - Littelfuse K2000GH Datasheet HTML 8Page - Littelfuse K2000GH Datasheet HTML 9Page - Littelfuse K2000GH Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
330
Revised: August 29, 2008
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
High Energy Bidirectional SIDACs
Kxxx0yH Series
Part Numbering System
Part Marking System
K 240 0
70 RP
DEVICE TYPE
K: Sidac
VOLTAGE
200: 190 to 215V
220: 205 to 230V
240: 220 to 250V
250: 240 to 280V
CURRENT FUNCTION
0: Standard
PACKAGE TYPE
G: DO-15
S: DO-214
E: TO-92
LEAD FORM DIMENSIONS
xx: Lead Form Option
HIGH-ENERGY SIDAC
PACKAGING OPTIONS
[Blank]: Bulk
AP: Ammo
RP: Reel
RP2: Reel
RP3: Reel
H
E
yxxxx
K24SH
DO-214
K2400GH
yxxxx
DO-15
TO-92
K2400EH
yxxxx
®
®
®


Similar Part No. - K2000GH

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K2000G TECCOR-K2000G Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K2000G TECCOR-K2000G Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K2000G LITTELFUSE-K2000G Datasheet
181Kb / 7P
   High-voltage lamp ignitors
logo
Galaxy Semi-Conductor H...
K2000G BILIN-K2000G Datasheet
322Kb / 5P
   SIDAC
logo
Shanghai Shunye Electro...
K2000G SY-K2000G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
More results

Similar Description - K2000GH

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
   Teccor짰 brand Thyristors
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
   Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
P1100G_LRP LITTELFUSE-P1100G_LRP Datasheet
406Kb / 4P
   Teccor짰 brand Protection Thyristors
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
K2400GH LITTELFUSE-K2400GH Datasheet
247Kb / 10P
   High Energy Bidirectional SIDACs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com