Electronic Components Datasheet Search |
|
GRM0335C2A5R1BA01 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
GRM0335C2A5R1BA01 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 182 page C02E.pdf Sep.25,2013 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 3 Please check the MURATA home page (http://www.murata.com/) if you cannot find the part number in the catalog. (Part Number) w GR q M e 18 r 8 t B1 y 1H u 102 i K o A01 !0 D Continued from the preceding page. Continued on the following page. tTemperature Characteristics Code Temperature Characteristic Codes Public STD Code Reference Temperature Temperature Characteristics Capacitance Change Each Temperature (%) Capacitance Change or Temperature Coefficient Operating Temperature Range –55°C Max. *3 –10°C Temperature Range SL CH CJ UJ CK C0G U2J B *1 B X5S X7S X6S X7T X6T X7U R *1 X5R X7R JIS JIS JIS JIS JIS EIA EIA JIS JIS EIA EIA EIA EIA EIA EIA JIS EIA EIA 20°C 20°C 20°C 20°C 20°C 25°C 25°C 20°C 20°C 25°C 25°C 25°C 25°C 25°C 25°C 20°C 25°C 25°C 1X 2C 3C 3U 4C 5C 7U B1 B3 C6 C7 C8 D7 D8 E7 R1 R6 R7 20 to 85°C 20 to 125°C 20 to 125°C 20 to 85°C 20 to 125°C 25 to 125°C 25 to 125°C *2 –25 to 85°C –25 to 85°C –55 to 85°C –55 to 125°C –55 to 105°C –55 to 125°C –55 to 105°C –55 to 125°C –55 to 125°C –55 to 85°C –55 to 125°C +350 to –1000ppm/°C 0±60ppm/°C 0±120ppm/°C –750±120ppm/°C 0±250ppm/°C 0±30ppm/°C –750±120ppm/°C ±10% ±10% ±22% ±22% ±22% +22%, –33% +22%, –33% +22%, –56% ±15% ±15% ±15% –55 to 125°C –55 to 125°C –55 to 125°C –25 to 85°C –55 to 125°C –55 to 125°C –55 to 125°C –25 to 85°C –25 to 85°C –55 to 85°C –55 to 125°C –55 to 105°C –55 to 125°C –55 to 105°C –55 to 125°C –55 to 125°C –55 to 85°C –55 to 125°C - 0.82 1.37 - 2.56 0.58 8.78 - - - - - - - - - - - Min. - –0.45 –0.9 - –1.88 –0.24 5.04 - - - - - - - - - - - Max. - 0.49 0.82 4.94 1.54 0.4 6.04 - - - - - - - - - - - Min. - –0.27 –0.54 2.84 –1.13 –0.17 3.47 - - - - - - - - - - - Max. - 0.33 0.55 3.29 1.02 0.25 3.84 - - - - - - - - - - - Min. - –0.18 –0.36 1.89 –0.75 –0.11 2.21 - - - - - - - - - - - *1 Capacitance change is specified with 50% rated voltage applied. *2 Rated Voltage 100Vdc max: 25 to 85°C *3 –25°C (Reference Temperature 20°C) / –30°C (Reference Temperature 25°C) yRated Voltage 0E 0G 0J 1A 1C 1E 1H 1J 1K 2A 2D 2E DC2.5V DC4V DC6.3V DC10V DC16V DC25V DC50V DC63V DC80V DC100V DC200V DC250V Code Rated Voltage 2W 2H 2J 3A 3D 3F YA DC450V DC500V DC630V DC1kV DC2kV DC3.15kV DC35V uCapacitance Expressed by three-digit alphanumerics. The unit is picofarad (pF). The first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two numbers. If there is a decimal point, it is expressed by the capital letter "R." In this case, all figures are significant digits. If any alphabet, other than "R", is included, this indicates the specific part number is a non-standard part. R50 1R0 100 103 Ex.) 0.50pF 1.0pF 10pF 10000pF Code Capacitance iCapacitance Tolerance B C D F G J K M W ±0.1pF ±0.25pF ±0.5pF (10pF and below) ±0.5% (10pF and over) ±1% ±2% ±5% ±10% ±20% ±0.05pF Code Capacitance Tolerance |
Similar Part No. - GRM0335C2A5R1BA01 |
|
Similar Description - GRM0335C2A5R1BA01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |