Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGU1C223MELC Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGU1C223MELC
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGU1C223MELC Datasheet(HTML) 1 Page - Nichicon corporation

  LGU1C223MELC Datasheet HTML 1Page - Nichicon corporation LGU1C223MELC Datasheet HTML 2Page - Nichicon corporation LGU1C223MELC Datasheet HTML 3Page - Nichicon corporation LGU1C223MELC Datasheet HTML 4Page - Nichicon corporation LGU1C223MELC Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Performance Characteristics
– 40 to + 105°C (16 to 250V) , – 25 to +105°C (315 to 450V)
ALUMINUM ELECTROLYTIC CAPACITORS
GU
series
Snap-in Terminal Type, 105°C Standard
Withstanding 3000 hours application of rated ripple current at 105°C.
Compliant to the RoHS directive (2011/65/EU).
Specifications
Type numbering system (Example : 200V 680µF)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Item
16 to 450V
47 to 47000µF
± 20% at 120Hz, 20°C
I
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz at 20°C
Measurement frequency : 120Hz
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus
rated ripple current is applied for 3000 hours at 105°C,
the peak voltage shall not exceed the rated voltage.
After storing the capacitors under no load at 105°C
for 1000 hours and then performing voltage treatment
based on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the characteristic requirements listed at right.
Z – 25°C/ Z+20°C
Z – 40°C/ Z+20°C
Rated voltage (V)
Impedance ratio
ZT/Z20 (MAX.)
160 to 250
3
12
315 to 450
8
Dimension table in next page.
Drawing
Smaller
L
1
G
2
U
3
2
4
D
5
6
6
8
7
1
8
M
9
E
10
L
11
A
12
Configuration
Case dia. code
Capacitance tolerance (
±20%)
Rated capacitance (680
µF)
Rated voltage (200V)
Series name
Type
φD
20
22
25
30
Code
Y
Z
A
B
35
C
10 ±
0.1
2-2
φ±0.1
(Terminal dimensions)
The other terminal is also available upon request.
Please refer page 328 for schematic of dimensions.
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8
+0.2
-0.1
Polarity bar
10
2
4.0
± 0.5
Pressure relief vent
Sleeve (P.E.T.)
GU
GN
Frequency coefficient of rated ripple current
Frequency (Hz)
160 to 250V
315 to 450V
Coeff.
50
60
120
300
1k
10k
50k or more
0.81
0.85
1.00
1.17
1.32
1.45
1.50
0.77
0.82
1.00
1.16
1.30
1.41
1.43
3 CV
Minimum order quantity : 50pcs.
16 to 100
4
20
0.88
0.90
1.00
1.07
1.15
1.15
1.15
16 to 100V
Rated voltage(V)
tan
δ (MAX.)
16
0.50
25
0.40
35
0.35
50
0.30
63
0.25
80 100
0.20
160 to 420
0.15
450
0.20
Low
Profile
GJ
High Lipple Current
GW
200% or less than the initial specified value
Leakage current
Less than or equal to the initial specified value
Within ±20% of the initial capacitance value
Capacitance change
tan
δ
150% or less than the initial specified value
Leakage current
Less than or equal to the initial specified value
Within ±15% of the initial capacitance value
Capacitance change
tan
δ
CAT.8100C


Similar Part No. - LGU1C223MELC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGU1C223MELC NICHICON-LGU1C223MELC Datasheet
132Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1C223MELC NICHICON-LGU1C223MELC Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1C223MELC NICHICON-LGU1C223MELC Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1C223MELC NICHICON-LGU1C223MELC Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1C223MELC NICHICON-LGU1C223MELC Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGU1C223MELC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com