Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLQ1608-F18N Datasheet(PDF) 1 Page - TOKO, Inc

Part # LLQ1608-F18N
Description  Wire Wound Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLQ1608-F18N Datasheet(HTML) 1 Page - TOKO, Inc

  LLQ1608-F18N Datasheet HTML 1Page - TOKO, Inc LLQ1608-F18N Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LLQ1608 Series
Inductance Range: 3.6~470nH
Recommended patterns
推荐焊盘尺寸
(0.38)
1.02 Max.
0.76
1.12 Max.
(Unit: mm)
0.64
0.64
0.64
(Unit: mm)
FEATURES
特点
 High frequency surface-mounted wire-wound type small
chip inductors (Size: 1.8
1.12mm Max square,1.02mm
Max height.)
 The wire is wound directry on the ceramic core at a
precision pitch, realizing high-Q, self-resonant frequency
characteristics with little random variation.
 Wide inductance range, and tight tolerance of 2% of the
inductance value.
 The top face is coated with resin, enabling the inductor to
be held firmly when being mounted.
 RoHS compliant.
 高频率表面贴装绕线小型电感器。
(尺寸:最大1.8
1.12毫米的平面、最高1.02毫米.)
 线圈直接绕在瓷芯上,有一个精确间距,实现高Q值,很小
的随机变化的自振频率。
 宽泛的电感值范围,电感值限制在公差2%。
 顶部覆盖树脂使电感器稳固安置。
 符合RoHS指令。
ELECTRICAL CHARACTERISTICS
电气特性
Inductance Range
3.6~470nH
Inductance Tolerance
G ;
 2% (6.8~470nH)
J ;
 5% (3.6~470nH)
K ;
 10% (3.6~470nH)
S.R.F.(for reference only)
700~12,500MHz
Rated DC current
100~700mA
Operating Temperature Range -40°C~+125°C
Storage Temperature Range
-40°C~+125°C
(In case of taping used)
(0°C~+60°C)
 电感值范围
3.6~470nH
 电感值公差
G;
2% (6.8~470nH)
J;
5% (3.6~470nH)
K;
10% (3.6~470nH)
 自谐振频率(参考值)
700~12,500MHz
 额定直流电流
100~700mA
 工作温度范围
-40°C~+125°C
 储存温度范围
-40°C~+125°C
(使用编带包装时)
(0°C~+60°C)
EXAMPLES OF CHARACTERISTICS
特性范例
continued on next page
接下页
Wire Wound Chip Inductors
贴片绕线型电感器


Similar Part No. - LLQ1608-F18N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608-F18N TOKO-LLQ1608-F18N Datasheet
377Kb / 2P
   Wirewound Chip Inductors
More results

Similar Description - LLQ1608-F18N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T150K TAIYO-YUDEN-LB2016T150K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T330K TAIYO-YUDEN-LB2016T330K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com