Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS32201 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS32201
Description  SAW Filter Technical Specification
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS32201 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS32201 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SIPAT Co.,Ltd
www.sipatsaw.com
China Electronics Technology Group Corporation No.26 Research Institute
P.O. Box 2513 Chongqing, China 400060 Tel:+86-23-62920684 Fax:62805284 E-mail: sawmkt@sipat.com
S P
LBS32201
316
317.5
319
320.5
322
323.5
325
326.5
328
-95.0977
-85.0977
-75.0977
-65.0977
-55.0977
-45.0977
-35.0977
-25.0977
-15.0977
Frequency(MHz)
320.5
321
321.5
322
322.5
323
323.5
-20
-19
-18
-17
-16
-15
-14
-13
-12
Frequency(MHz)
LBS32201 SAW Filter Technical Specification
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Max. DC voltage between any 2 terminals
30
VDC
Operating Temperature Range
-30 to +85
°C
Electrical Characteristics
Characteristic
Sym
Min
Typ
Max
Units
Nominal Center Frequency
fC
321.85
322
322.15
MHz
Passband
Insertion Loss at fc
IL
-
15
16
dB
3 dB Bandwidth
BW3
2.6
2.77
-
MHz
20 dB Bandwidth
BW20
-
4.00
4.1
MHz
45 dB Bandwidth
BW45
-
4.71
6.0
MHz
Ripple
rp
-
0.5
0.7
dB
Group Delay Variation over fc ±1.1 MHz
GDV
-
40
70
nsP-P
Rejection
fc ±12 MHz
UR
50
55
-
dB
Substrate Material
Quartz
Impedance Matching to 50
Ω unbalanced
External L-C
Case Style
SMP-53
13.3 x 6.5 mm Nominal Footprint
Frequency Response
Passband Respond
Package Outline
Matching Configuration
L1=18nH L2=12nH
C1=C2=22pF
Notes - Component values may change depending on board layout.


Similar Part No. - LBS32201

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS32201 SIPAT-LBS32201 Datasheet
73Kb / 1P
   SAW Filter Technical Specification
More results

Similar Description - LBS32201

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT16.896 SIPAT-LBT16.896 Datasheet
51Kb / 1P
   SAW filter technical specification
LBT34.368A SIPAT-LBT34.368A Datasheet
69Kb / 1P
   SAW filter technical specification
SP465 SIPAT-SP465 Datasheet
40Kb / 1P
   SAW Filter Technical Specification
LBS33.792 SIPAT-LBS33.792 Datasheet
52Kb / 1P
   SAW filter technical specification
LBS67.584 SIPAT-LBS67.584 Datasheet
48Kb / 1P
   SAW filter technical specification
LBS84.48 SIPAT-LBS84.48 Datasheet
52Kb / 1P
   SAW filter technical specification
LBT24602L SIPAT-LBT24602L Datasheet
122Kb / 1P
   SAW filter technical specification
LBN11002L SIPAT-LBN11002L Datasheet
122Kb / 1P
   SAW filter technical specification
LBN11504L SIPAT-LBN11504L Datasheet
48Kb / 1P
   SAW Filter Technical Specification
LBN7601L SIPAT-LBN7601L Datasheet
111Kb / 1P
   SAW Filter Technical Specification
LBS32201 SIPAT-LBS32201 Datasheet
73Kb / 1P
   SAW Filter Technical Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com