Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV20 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAV20
Description  FAST SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV20 Datasheet(HTML) 2 Page - Diodes Incorporated

  BAV20 Datasheet HTML 1Page - Diodes Incorporated BAV20 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S22006 Rev. H-2
2 of 2
BAV20 / BAV21
1000
100
10
1.0
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
V INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F,
T = 100 C
j
°
T = 25 C
j
°
0
30
60
90
120
150
0
0.1
0.2
0.3
T , AMBIENT TEMPERATURE ( C)
Fig. 2 Forward Current Derating
A
°
DC Current IF
Current (rectif.) IO
(See Note 1)
0
100
200
T , AMBIENT TEMPERATURE (ºC)
Fig. 3. Power Dissipation Derating
A
0
100
200
300
400
500
(See Note 1)
T = 25 °C
j
V REVERSE VOLTAGE (V)
Fig. 6 Typical Junction Capacitance vs Reverse Voltage
R,
0.1
100
10
1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
10
100
10
100
1
I , FORWARD CURRENT (mA)
Fig. 5 Dynamic Forward Resistance vs Forward Current
F
1000
100
10
1
0
200
100
0
Reverse Voltage
BAV20 V = 150V
BAV21 V = 200V
R
R
T JUNCTION TEMPERATURE ( C)
Fig. 4 Relative Reverse Current vs Junction Temperature
J,
°


Similar Part No. - BAV20

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAV20 NEXPERIA-BAV20 Datasheet
391Kb / 11P
   General purpose diodes
1999 May 25
logo
NXP Semiconductors
BAV20 PHILIPS-BAV20 Datasheet
54Kb / 12P
   General purpose diodes
1999 May 25
logo
SEMTECH ELECTRONICS LTD...
BAV20 SEMTECH_ELEC-BAV20 Datasheet
262Kb / 4P
   SILICON EPITAXIAL PLANAR DIODES
logo
Shenzhen Luguang Electr...
BAV20 LUGUANG-BAV20 Datasheet
170Kb / 2P
   Small Signal Switching Diodes
logo
Goodwork Semiconductor ...
BAV20 GWSEMI-BAV20 Datasheet
142Kb / 2P
   Small Signal Diodes
More results

Similar Description - BAV20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
   FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Jiangsu Changjiang Elec...
1N4448WT JIANGSU-1N4448WT Datasheet
829Kb / 4P
   FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
   Fast Switching Diode
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
   FAST SWITCHING DIODE
logo
Shanghai Shunye Electro...
1N4448W SY-1N4448W Datasheet
932Kb / 2P
   FAST SWITCHING DIODE
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
   Fast Switching Diode
Rev. 1.7, 06-Feb-04
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
62Kb / 1P
   FAST SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
BAV16W JIANGSU-BAV16W_17 Datasheet
1Mb / 5P
   FAST SWITCHING DIODE
logo
Infineon Technologies A...
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
   Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
   Fast switching diode
Edition 2.1, 09.03.2010
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
   Fast Switching Diode
Rev.2.3 2009-08-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com