Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS42603 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS42603
Description  426MHz SAW Filter 11.5MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS42603 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS42603 Datasheet HTML 1Page - SIPAT Co,Ltd LBS42603 Datasheet HTML 2Page - SIPAT Co,Ltd LBS42603 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS42603
Rev. Date
2013-05-13
Ver.
1.0
Page
3/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
426MHz SAW Filter
11.5MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBS42603
S42603
S42603
S42603
Typical Performance
Frequency Response
Passband Response
400
410
420
430
440
450
-113.2944
-103.2944
-93.2944
-83.2944
-73.2944
-63.2944
-53.2944
-43.2944
-33.2944
-23.2944
-13.2944
Type Performance
Frequency(MHz)
416
418
420
422
424
426
428
430
432
434
436
-25.7944
-25.2944
-24.7944
-24.2944
-23.7944
-23.2944
-22.7944
-22.2944
-21.7944
-21.2944
-20.7944
Type Performance
Frequency(MHz)
Horizontal: 10MHz/Div
Vertical: 10dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation
Phase Linearity
418
420
422
424
426
428
430
432
800
900
1000
1100
1200
1300
1400
1500
X: 420.2
Y: 1123
Type Performance
Frequency(MHz)
X: 431.8
Y: 1121
418
420
422
424
426
428
430
432
434
-15
-10
-5
0
5
10
15
20
25
X: 420.2
Y: -2.522
Type Performance
Frequency(MHz)
X: 431.8
Y: -0.1398
Horizontal: 2MHz/Div
Vertical: 100ns/Div
Horizontal: 2MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBS42603

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS42601 SIPAT-LBS42601 Datasheet
244Kb / 3P
   426MHz SAW Filter 6.56MHz Bandwidth
LBS42601 SIPAT-LBS42601 Datasheet
250Kb / 3P
   426MHz SAW Filter 6.56MHz Bandwidth
More results

Similar Description - LBS42603

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS42601 SIPAT-LBS42601 Datasheet
250Kb / 3P
   426MHz SAW Filter 6.56MHz Bandwidth
LBS42601 SIPAT-LBS42601 Datasheet
244Kb / 3P
   426MHz SAW Filter 6.56MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0706A TAI-SAW-TA0706A Datasheet
372Kb / 6P
   SAW Filter 426MHz SMD 3.8횞3.8mm
logo
SIPAT Co,Ltd
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
   70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
   70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
   70MHz SAW Filter 13.35MHz Bandwidth
LBT13005 SIPAT-LBT13005 Datasheet
286Kb / 3P
   130MHz SAW Filter 4.4MHz Bandwidth
LBT14050 SIPAT-LBT14050 Datasheet
280Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBT14080 SIPAT-LBT14080 Datasheet
271Kb / 3P
   140MHz SAW Filter 8MHz Bandwidth
LBT16035 SIPAT-LBT16035 Datasheet
282Kb / 3P
   160MHz SAW Filter 14MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com