Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBT140A83 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT140A83
Description  140MHz SAW Filter 6.7MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT140A83 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT140A83 Datasheet HTML 1Page - SIPAT Co,Ltd LBT140A83 Datasheet HTML 2Page - SIPAT Co,Ltd LBT140A83 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBT140A83
Rev. Date
2013-05-23
Ver.
1.0
Page
3/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
140MHz SAW Filter
6.7MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.
www.
www.
www.
www.
www.
www.
www. sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
Part
Part
Part
Part Number:LB
Number:LB
Number:LB
Number:LBT140A83
T140A83
T140A83
T140A83
Typical Performance
Frequency Response
Passband Response
125
130
135
140
145
150
155
-115.165
-105.165
-95.165
-85.165
-75.165
-65.165
-55.165
-45.165
-35.165
-25.165
-15.165
Type Performance
Frequency(MHz)
135
136
137
138
139
140
141
142
143
144
145
-27.665
-27.165
-26.665
-26.165
-25.665
-25.165
-24.665
-24.165
-23.665
-23.165
-22.665
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation
Phase Linearity
136
137
138
139
140
141
142
143
144
3000
3500
4000
4500
5000
X: 143.4
Y: 3804
Type Performance
Frequency(MHz)
X: 136.6
Y: 3812
136
137
138
139
140
141
142
143
144
-20
-10
0
10
20
30
X: 143.4
Y: 6.746
Type Performance
Frequency(MHz)
X: 136.6
Y: -0.6555
Horizontal: 1MHz/Div
Vertical: 500ns/Div
Horizontal: 1MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBT140A83

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT140A01 SIPAT-LBT140A01 Datasheet
143Kb / 3P
   140MHz SAW Filter 7MHz Bandwidth
LBT140A01 SIPAT-LBT140A01 Datasheet
148Kb / 3P
   140MHz SAW Filter 7MHz Bandwidth
LBT140A07 SIPAT-LBT140A07 Datasheet
144Kb / 3P
   140MHz SAW Filter 15MHz Bandwidth
LBT140A07 SIPAT-LBT140A07 Datasheet
150Kb / 3P
   140MHz SAW Filter 15MHz Bandwidth
LBT140A16 SIPAT-LBT140A16 Datasheet
150Kb / 3P
   140MHz SAW Filter 11MHz Bandwidth
More results

Similar Description - LBT140A83

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT14066 SIPAT-LBT14066 Datasheet
269Kb / 3P
   140MHz SAW Filter 14.4MHz Bandwidth
LB140DS13 SIPAT-LB140DS13 Datasheet
271Kb / 3P
   140MHz SAW Filter 16MHz Bandwidth
LB140DS15 SIPAT-LB140DS15 Datasheet
146Kb / 3P
   140MHz SAW Filter 20MHz Bandwidth
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
   140MHz SAW Filter 24MHz Bandwidth
LB140DS51 SIPAT-LB140DS51 Datasheet
319Kb / 3P
   140MHz SAW Filter 23.9MHz Bandwidth
LBN140A60 SIPAT-LBN140A60 Datasheet
196Kb / 3P
   140MHz SAW Filter 29MHz Bandwidth
LBN140A69 SIPAT-LBN140A69 Datasheet
176Kb / 3P
   140MHz SAW Filter 26MHz Bandwidth
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
   140MHz SAW Filter 13.2MHz Bandwidth
LBN14018 SIPAT-LBN14018 Datasheet
195Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBN14073 SIPAT-LBN14073 Datasheet
142Kb / 3P
   140MHz SAW Filter 24.1MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com