Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502380-0900 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 502380-0900
Description  1.25mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 9
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

502380-0900 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  502380-0900 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/24/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
502380-0900
Status:
Active
Overview:
CLIK-Mate™ Wire-to-Board Connectors
Description:
1.25mm Pitch CLIK-Mate™ Wire-to-Board Housing, Single Row, Positive Lock, 9
Circuits
Documents:
3D Model
Application Specification AS-502380-001 (PDF)
Drawing (PDF)
Application Specification AS-502380-002 (PDF)
Product Specification PS-502382-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
502380
Application
Signal, Wire-to-Board
Overview
CLIK-Mate™ Wire-to-Board Connectors
Product Name
CLIK-Mate™
UPC
822350895118
Physical
Breakaway
No
Circuits (maximum)
9
Color - Resin
White
Gender
Plug
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
237.000/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
1.25mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Electrical
Current - Maximum per Contact
1A
Material Info
Reference - Drawing Numbers
Application Specification
AS-502380-001, AS-502380-002
Product Specification
PS-502382-001, RPS-502382-003, RPS-502382-004,
RPS-502382-005, RPS-502382-006, RPS-502382-008,
RPS-502382-010, RPS-502382-011, RPS-502382-012,
RPS-502382-013, RPS-502382-016, RPS-502382-017,
RPS-502382-018, RPS-502386-001, RPS-502386-002
Sales Drawing
SD-502380-001, SD-502380-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502380Series
Mates With
502382 PCB Receptacle, 502386 PCB
Receptacle
Use With
502381 Crimp Terminal
This document was generated on 04/24/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 502380-0900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
502380-0900 MOLEX11-502380-0900 Datasheet
429Kb / 5P
   1.25mm (.049") Pitch CLIK-Mate??Wire-to-Board Housing
502380-0900 MOLEX5-502380-0900 Datasheet
371Kb / 4P
   1.25 W/B CONN, SINGLE PLUG HOUSING 2-7CKT
More results

Similar Description - 502380-0900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
502380-0700 MOLEX11-502380-0700 Datasheet
40Kb / 1P
   1.25mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 7
502380-0800 MOLEX11-502380-0800 Datasheet
45Kb / 1P
   1.25mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 8
502380-1400 MOLEX11-502380-1400 Datasheet
45Kb / 1P
   1.25mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 14
5023800300 MOLEX1-5023800300_17 Datasheet
33Kb / 1P
   1.25mm Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 3Circuits
502380-0200 MOLEX11-502380-0200 Datasheet
40Kb / 1P
   1.25mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 2
502380-0300 MOLEX11-502380-0300 Datasheet
40Kb / 1P
   1.25mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 3
502380-1300 MOLEX11-502380-1300 Datasheet
45Kb / 1P
   1.25mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 13
5023800700 MOLEX1-5023800700_17 Datasheet
33Kb / 1P
   1.25mm Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 7Circuits
5023800900 MOLEX1-5023800900_17 Datasheet
38Kb / 1P
   1.25mm Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 9Circuits
5023801000 MOLEX1-5023801000_17 Datasheet
38Kb / 1P
   1.25mm Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 10Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com