Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68XR500LF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 68XR500LF
Description  3/8 Square Multiturn Cermet Trimming Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

68XR500LF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  68XR500LF Datasheet HTML 1Page - List of Unclassifed Manufacturers 68XR500LF Datasheet HTML 2Page - List of Unclassifed Manufacturers 68XR500LF Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
June 3, 2010
Model 68 page 2 of 3
PACKAGING
ORDERING INFORMATION
Model Series
Pin Style
Resistance Prefix
Packaging Option:
no code = Box (standard)
TR = Tape & Reel (Pin Styles W, X only)
AP = Ammo Pack
TB = Tubes (Pin Styles P, W, X only)
Resistance Value
68 P F R 10K LF XX
Optional RoHS compliant product code
Tape
Width =
18 mm
Sprocket =
Single hole, 0.050” spacing
Capacity =
1,000 units
Seat plane to centerline of sprocket hole =
0.71” (18 mm)
Reel
Diameter =
14” (363 mm)
Option (TR code, available for 68W & 68X only): Tape & Reel. All units oriented with #1 pin to the right of the direction of feed.
Option (TB code): Tubes. All units oriented with #1 pin to same side. Tube capacity = 50 units.
(1)
(2)
(3)
CW
Model 68
Optional 0.70” lead length for AP &
TR packaging, pin style W & X only
Standard (no code): Boxes. Capacity = 100 units for 68W. 50 units for all other pin styles.
Option (AP code, available for 68W & 68X only): Ammo Pack. All units oriented with #1 pin to the right of the direction of feed.
Ammo
Tape Fold =
12” (305 mm)
Box =
1.8” x 13” x 10”
(46 mm x 330 mm x 254 mm)
Pin Style
P
W
X
Dimensions
Width =
0.57”
0.33”
0.33”
Height =
0.66”
0.90”
0.90”
Length =
20.9”
20.4”
24.4”
CIRCUIT DIAGRAM
STANDARD RESISTANCE VALUES
10
200
5K
50K
500K
20
500
10K
100K
1Meg
50
1K
20K
200K
2Meg
100
2K
25K
250K


Similar Description - 68XR500LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
68PR10KLF BITECH-68PR10KLF Datasheet
61Kb / 4P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68WR1K ETC2-68WR1K Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF Datasheet
59Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
44GR10KLFXX BITECH-44GR10KLFXX Datasheet
58Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
44WR50KLF BITECH-44WR50KLF Datasheet
56Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com