Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051T623-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051T623-GM
Description  Full Speed USB EEPROM MCU Family
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051T623-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051T623-GM Datasheet HTML 1Page - Silicon Laboratories C8051T623-GM Datasheet HTML 2Page - Silicon Laboratories C8051T623-GM Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USB
Copyright © 2011 by Silicon Laboratories
01.21.11
Digital Peripherals
UART0
Timers 0,
1, 2, 3
PCA/
WDT
SMBus
Priority
Crossbar
Decoder
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
Crossbar Control
Port I/O Configuration
SFR
Bus
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P2.0/C2D
SPI
Debug /
Programming
Hardware
Power On
Reset
Reset
C2D
C2CK/RST
P1.6
2
USB Peripheral
Controller
256 Byte
RAM
Full / Low
Speed
Transceiver
CIP-51 8051
Controller Core
16k/8k Byte OTP
Program Memory
256 Byte SRAM
1024 Byte XRAM
D+
D-
VBUS
Voltage
Regulator
Regulator
Core Power
Peripheral Power
GND
REGIN
VDD
UART1
VIO
1
Port 0
Drivers
Port 1
Drivers
Port 2
Drivers
In-system
Programming
Hardware
VPP
System Clock Setup
External Oscillator
Internal Oscillator
Low Freq.
Oscillator
Clock
Recovery
XTAL2
XTAL1
Note 1: Not available on C8051T327 devices.
Note 2: Not available on C8051T326/7 devices.
C8051T622/623/326/327
Full Speed USB EEPROM MCU Family
USB Function Controller
- USB specification 2.0 compliant
- Full speed (12 Mbps) or low speed (1.5 Mbps) operation
- Integrated clock recovery; no external oscillator required for full speed or
low speed
- Supports six flexible endpoints
- 256-byte USB buffer memory
- Integrated transceiver; no external resistors required
On-Chip Debug
- C8051F34A can be used as code development platform; Complete
development kit available
- On-chip debug circuitry facilitates full speed, nonintrusive in-system
debug
- Provides breakpoints, single stepping, inspect/modify memory and regis-
ters
Memory
- 1280 bytes internal data RAM (256 + 1024)
- 16 kB byte-programmable EPROM code memory
- EPROM can be programmed from firmware running on the device
Supply Voltage: 1.8 to 5.25 V
- On-chip LDO for internal core supply
- Built-in supply voltage monitor
Temperature Range: –40 to +85 °C
High-Speed 8051 µC Core
- Pipelined instruction architecture; executes 70% of instructions in 1 or 2
system clocks
- Up to 48 MIPS throughput with 48 MHz clock
- Expanded interrupt handler
Digital Peripherals
-
Up to 16 port I/O with high sink current capability
- Hardware enhanced SPI™, SMBus™, and two enhanced UART serial
ports
- Four general purpose 16-bit counter/timers
- 16-bit programmable counter array (PCA) with five capture/compare
modules and enhanced PWM functionality
Clock Sources
- Two internal oscillators:
48 MHz: ±0.25% accuracy with clock recovery enabled.
Supports all USB and UART modes
80/40/20/10 kHz low frequency, low power
- External oscillator: Crystal, RC, C, or CMOS Clock
- Can switch between clock sources on-the-fly; useful in power saving
modes
Package Options
- 4x4 mm QFN24
- 5x5 mm QFN28


Similar Part No. - C8051T623-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051T623 SILABS-C8051T623 Datasheet
452Kb / 8P
   USB DRIVER CUSTOMIZATION
More results

Similar Description - C8051T623-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F340-GQR SILABS-C8051F340-GQR Datasheet
1Mb / 276P
   Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
C8051F38X SILABS-C8051F38X Datasheet
82Kb / 2P
   Full Speed USB Flash MCU Family
C8051T620 SILABS-C8051T620 Datasheet
87Kb / 2P
   Full Speed USB EPROM MCU Family
logo
List of Unclassifed Man...
C8051F32X ETC-C8051F32X Datasheet
3Mb / 256P
   Full Speed USB, 16k ISP FLASH MCU Family
C8051F326 ETC1-C8051F326 Datasheet
1Mb / 40P
   Full Speed USB, 16 kB Flash MCU Family
C8051F327-GM ETC2-C8051F327-GM Datasheet
1Mb / 142P
   Full Speed USB, 16 kB Flash MCU Family
logo
Silicon Laboratories
C8051F326 SILABS-C8051F326_08 Datasheet
1Mb / 141P
   Full Speed USB, 16 kB Flash MCU Family
C8051F320DK SILABS-C8051F320DK Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com