Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

600F470FT250XT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 600F470FT250XT
Description  Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

600F470FT250XT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  600F470FT250XT Datasheet HTML 1Page - List of Unclassifed Manufacturers 600F470FT250XT Datasheet HTML 2Page - List of Unclassifed Manufacturers 600F470FT250XT Datasheet HTML 3Page - List of Unclassifed Manufacturers 600F470FT250XT Datasheet HTML 4Page - List of Unclassifed Manufacturers 600F470FT250XT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Electrical Specifications
Terminations:
T = Tin Plated over Nickel Bar-
rier
* (Standard)
TN = Tin Plated over Non-Mag-
netic Barrier
*
W = Tin/Lead Solder Plated
over Nickel Barrier
Solderability:
Solder coverage > 90% of end
termination
Terminal Strength:
4 lbs. Typ., 2 lbs. min.
Mechanical Specifications
Environmental Specifications
Capacitance:
0.1 to 240 pF
Tolerances:
See Cap Value Chart
Working Voltage (WVDC):
250 V
Quality Factor (Q):
> 2000 @ 1 MHz
Operating Temperature
-55°C to +125°C
Range:
(no derating of working voltage)
Temperature coefficient of
Capacitance (TCC):
0 ± 30 ppm/°C, -55°C to +125°C
Insulation Resistance:
105 M
min. at +25°C
at rated WVDC
104 M
min. at +125°C
at rated WVDC
Dielectric Withstanding
2.5 x WVDC for 5 seconds
Voltage (DWV):
Aging:
None
Piezo Effects:
None
ATC 600F Series
Ultra-Low ESR, High Q, NPO
RF & Microwave Capacitors
Features:
• Lowest ESR in Class
• Highest Working Voltage in class – 250V
• Standard EIA Size: 0805
• Laser Marking (Optional)
• High Self Resonance Frequencies
Applications:
• Cellular Base Stations
• Wireless Communications
• Broadband Wireless Services
• Satellite Communications
• WiMAX (802.16)
Circuit Applications:
• Filter Networks
• High Q Frequency Sources
• Matching Networks
• Tuning, Coupling, Bypass and DC Blocking
Life Test:
2000 hours, +125°C at 2X WVDC
Thermal Shock:
5 cycles, -55°C to +125°C
Moisture Resistance:
240 hours, 85% Relative
Humidity at +85°C
DSCC Drawing Number 05001
ISO 9001
REGISTERED
COMPANY
ATC 600 Series Capacitors are designed and manufactured to meet and exceed the requirements of EIA-198, MIL-PRF-55681 and MIL-PRF-123.
ATC # 001-956
Rev. M; 12/09
ATC 600 SERIES OVERVIEW
ATC Series
ATC Case Size
EIA Case Size
600
L
0402
600
S
0603
600
F
0805
Military Approval
*


Similar Part No. - 600F470FT250XT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
600F470JT250XT NXP-600F470JT250XT Datasheet
221Kb / 10P
   RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 2, 02/2021
More results

Similar Description - 600F470FT250XT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S6R8CT250T ETC-600S6R8CT250T Datasheet
472Kb / 6P
   Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC1-ATC600L Datasheet
334Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S120GT250XT ETC2-600S120GT250XT Datasheet
510Kb / 7P
   ATC 600S Series Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
ATC600S ETC1-ATC600S Datasheet
360Kb / 6P
   ATC 600S Series Ultra-Low ESR, High Q, NPO RF& Microwave Capacitors
logo
AVX Corporation
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
ML03511R8PAT2A AVX-ML03511R8PAT2A Datasheet
93Kb / 4P
   Low ESR Microwave Capacitors
logo
Kemet Corporation
CBR05C470JAGAC KEMET-CBR05C470JAGAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com