Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502439-1300 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 502439-1300
Description  2.00mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 13
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

502439-1300 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  502439-1300 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
502439-1300
Status:
Active
Overview:
CLIK-Mate™ Wire-to-Board Connectors
Description:
2.00mm Pitch CLIK-Mate™ Wire-to-Board Housing, Single Row, Positive Lock, 13
Circuits
Documents:
3D Model
Application Specification AS-502439-002 (PDF)
Drawing (PDF)
Packaging Specification SPK-502439-001 (PDF)
Product Specification PS-502443-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-502439-001 (PDF)
General
Product Family
Crimp Housings
Series
502439
Application
Signal, Wire-to-Board
Overview
CLIK-Mate™ Wire-to-Board Connectors
Product Name
CLIK-Mate™
UPC
822350915915
Physical
Breakaway
No
Circuits (maximum)
13
Color - Resin
White
Gender
Plug
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Net Weight
859.000/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-502439-001, AS-502439-002
Packaging Specification
SPK-502439-001
Product Specification
PS-502443-001, RPS-502443-001, RPS-502443-002,
RPS-502443-004, RPS-502443-007, RPS-502443-008,
RPS-502443-009, RPS-502443-010, RPS-502494-001,
RPS-502494-003
Sales Drawing
SD-502439-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502439Series
Mates With
502443 PCB Receptacle Vertical . 502494
PCB Receptacle Right Angle
Use With
502438 Crimp Terminal
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 502439-1300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
502439-1300 MOLEX11-502439-1300 Datasheet
126Kb / 2P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 13 Circuits
502439-1300 MOLEX5-502439-1300 Datasheet
98Kb / 1P
   2.0 W/B CONN, SINGLE PLUG HSG
More results

Similar Description - 502439-1300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5024391300 MOLEX11-5024391300 Datasheet
126Kb / 2P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 13 Circuits
502578-1300 MOLEX11-502578-1300 Datasheet
44Kb / 2P
   CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 13 Circuits
502380-1300 MOLEX11-502380-1300 Datasheet
45Kb / 1P
   1.25mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 13
502439-1500 MOLEX11-502439-1500 Datasheet
40Kb / 1P
   2.00mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 15
5024390600 MOLEX1-5024390600_17 Datasheet
34Kb / 2P
   2.00mm Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 6Circuits
502439-0600 MOLEX11-502439-0600 Datasheet
40Kb / 1P
   2.00mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 6
502439-0500 MOLEX11-502439-0500 Datasheet
40Kb / 1P
   2.00mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 5
502439-1200 MOLEX11-502439-1200 Datasheet
40Kb / 1P
   2.00mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 12
502439-0400 MOLEX11-502439-0400 Datasheet
40Kb / 1P
   2.00mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 4
502439-1400 MOLEX11-502439-1400 Datasheet
40Kb / 1P
   2.00mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com