Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A9PS-061 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A9PS-061
Description  Ultra subminiature Pushbutton Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A9PS-061 Datasheet(HTML) 4 Page - Omron Electronics LLC

  A9PS-061 Datasheet HTML 1Page - Omron Electronics LLC A9PS-061 Datasheet HTML 2Page - Omron Electronics LLC A9PS-061 Datasheet HTML 3Page - Omron Electronics LLC A9PS-061 Datasheet HTML 4Page - Omron Electronics LLC A9PS-061 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A9PS
A9PS
Safety Precautions
Cautions
Use the switch within the rated voltage and current ranges,
otherwise the Switch may have a shortened life expectancy,
radiate heat,or burn out. This particularly applies to the
instantaneous voltages and currents when switching.
Hardling
Do not apply excessive operating force to the Switch. Otherwise
the Switch may be damaged or deformed, and the switch
mechanism may malfunction as a result. Apply an operating force
not exceeding 9.8N {1,000gf}. Apply the operating load from the
top of the actuator. Do not apply a load from angle or from side
the actuator. Doing so may deform the Switch contact.
Soldering
Observe the following conditions when soldering the Switch.
Automatic Soldering Bath
Soldering temperature: 260
°C max. (Preheating: 100 °C 120s max.)
Soldering time: 5s max.
Manual Soldering
Soldering temperature: 350
°C at the tip of the soldering iron.
Soldering time: 3s max.
Washing
Apply alcohol based solvents to clean.
Do not clean the Switch immediately after soldering. Wait for at
least five minutes after soldering before cleaning.
Ultrasonic cleaning is not available dip into Switch washing
agents for two minutes maximum.
Using Flux
Making mistakes in the type of flux or in the amount or method in
which it is applied can cause flux to enter the interior of the
Switch, with adverse effects on Switch performance. Assess the
proper flux, conditions,and methods prior to using it.
RoHS Compliant
The "RoHS Compliant" designation indicates that the listed
models do not contain the six hazardous substances covered by
the RoHS Directive.
Reference: The following standards are used to determine
compliance for the six substances.
• Lead:
1,000 ppm max.
• Mercury:
1,000 ppm max.
• Cadmium:
100 ppm max.
• Hexavalent chromium: 1,000 ppm max.
• PBB:
1,000 ppm max.
• PBDF:
1,000 ppm max.
Environment for Storage and Use
To prevent discoloration of the terminals and other problems
during storage, do not store the Switch in locations subject to the
following conditions.
1. High temperature or humidity
2. Corrosive gases
3. Direct sunlight
Also, the Switch is not waterproof or splash-resistance.
Do not use the Switch in locations that are subject to contact with
water. Do not subject the Switch to freezing or condensation.
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. A198-E1-02
Printed in Japan
0911 (0711) (W)
OMRON Corporation
OMRON SWITCH & DEVICES Corporation
Consumer & Commercial Switch Department
Marketing
2075, Miyoshi, Nakaku, Okayama
Okayama, 703-8502 Japan
Tel: (81)86-277-6024/Fax: (81)86-276-5044
URL : http://www.omron.com/ecb/


Similar Part No. - A9PS-061

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A9PS-061 OMRON-A9PS-061 Datasheet
632Kb / 4P
   Ultra subminiature Pushbutton Switch
More results

Similar Description - A9PS-061

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A9PS OMRON-A9PS Datasheet
632Kb / 4P
   Ultra subminiature Pushbutton Switch
logo
Copal Electronics
APE1F-5M-10-2-Z COPAL-APE1F-5M-10-2-Z Datasheet
611Kb / 1P
   Subminiature Pushbutton
logo
Omron Electronics LLC
A9TS OMRON-A9TS Datasheet
700Kb / 4P
   Ultra subminiature Toggle Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2A OMRON-D2A Datasheet
477Kb / 3P
   Ultra Subminiature Detection Switch
logo
C&K Components
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
logo
ITT Industries
8500 ITT-8500 Datasheet
585Kb / 5P
   Subminiature Pushbutton Switches
KM1202A05B ITT-KM1202A05B Datasheet
234Kb / 4P
   Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com