Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACR22 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ACR22
Description  AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACR22 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ACR22 Datasheet HTML 1Page - Panasonic Semiconductor ACR22 Datasheet HTML 2Page - Panasonic Semiconductor ACR22 Datasheet HTML 3Page - Panasonic Semiconductor ACR22 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CV (ACV)
ASCTB230E 201203-T1
ORDERING INFORMATION
TYPES
Note: Please use “ACV
∗∗212” to order built-in resistor type. (Asterisks “ ∗ ” should be filled in from ORDERING INFORMATION.)
Standard packing; Carton: 50 pcs.; Case: 200 pcs.
RATING
1. Coil data
Note: * Other pick-up voltage types are also available. Please contact us for details.
AUTOMOTIVE
LOW PROFILE
MICRO-ISO RELAY
CV RELAYS (ACV)
Contact arrangement
Coil voltage
Protective construction
Mounting classification
Part No.
1 Form A
12 V DC
Sealed type
Micro ISO plug-in type
ACV31012
1 Form C
Micro ISO plug-in type
ACV11012
Nominal coil
voltage
Pick-up voltage*
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
(at 20
°C 68°F)
Usable voltage range
(at 85
°C 185°F)
12V DC
Max. 7.0 V DC
(Initial)
Min. 0.6 V DC
(Initial)
67 mA,
84 mA (with resistor)
180
Ω,
142.3
Ω (with resistor)
0.8 W,
1.0 W (with resistor)
10 to 16V DC
Micro ISO
1 Form C type
Micro ISO
1 Form A type
RoHS compliant
FEATURES
• Low profile:
22.5 mm(L)
×15 mm(W)×15.7 mm(H)
.886 inch(L)
×.591 inch(W)×.618 inch(H)
• Low temperature rise
Terminal temperature has been reduced
compared with using our conventional
product
• Low sound pressure level
Noise level has been reduced
approx.10dB compared with using our
conventional product.
• Wide line-up
Micro ISO terminal types and resistor
inside type.
• Plastic sealed type
Plastically sealed for automatic cleaning.
• Compact and high-capacity 20A load
switching
N.O.: 20A 14V DC, N.C.: 10A 14V DC
(Max. carrying current: at 85
°C 185°F)
TYPICAL APPLICATIONS
• Headlights
• Magnetic clutches
• Radiator fans
• Blowers
• Fog lamps
• Tail lights
• Heaters
• Defoggers
• Horns
• Condenser fans, etc.
Contact arrangement
1: 1 Form C
3: 1 Form A
ACV
Protective element
0: None (Standard type)
2: With resistor inside
Mounting classification
1: Micro ISO plug-in type
Coil voltage, DC
12: 12 V


Similar Part No. - ACR22

ManufacturerPart #DatasheetDescription
logo
EPCOS
ACR2.500KCV4TNLD EPCOS-ACR2.500KCV4TNLD Datasheet
137Kb / 8P
   Pressure transmitters for PCB mounting (voltage output)
logo
Abracon Corporation
ACR2005I4-EVB ABRACON-ACR2005I4-EVB Datasheet
551Kb / 3P
   Evaluation Board - 433 / 450~470 MHz Chip Antenna
09-13-21
logo
EPCOS
ACR25.00KCV4TNLD EPCOS-ACR25.00KCV4TNLD Datasheet
137Kb / 8P
   Pressure transmitters for PCB mounting (voltage output)
logo
List of Unclassifed Man...
ACR25U04LG ETC-ACR25U04LG Datasheet
356Kb / 8P
   Fast turn-off asymmetric thyristor
ACR25U06LG ETC-ACR25U06LG Datasheet
356Kb / 8P
   Fast turn-off asymmetric thyristor
More results

Similar Description - ACR22

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ACV11012 NAIS-ACV11012 Datasheet
134Kb / 4P
   AUTOMOTIVE LOW PROFILE MICRO-ISO/MICRO-280 RELAY
logo
Panasonic Semiconductor
ACV31012 PANASONIC-ACV31012_12 Datasheet
89Kb / 4P
   AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY Headlights
logo
Omron Electronics LLC
G8HN OMRON-G8HN_1 Datasheet
252Kb / 8P
   Micro ISO Automotive Relay
G8HN OMRON-G8HN Datasheet
156Kb / 5P
   Micro ISO Automotive Relay
G8H OMRON-G8H Datasheet
247Kb / 8P
   Micro ISO Automotive Relay
G8H-1C4T-R-DC12 OMRON-G8H-1C4T-R-DC12 Datasheet
247Kb / 8P
   Micro ISO Automotive Relay G8H
logo
OEN India Limited
OEN83 OENINDIA-OEN83 Datasheet
383Kb / 2P
   AUTOMOTIVE LOW PROFILE MICRO RELAY
logo
American Zettler, Inc.
AZ988 AZETTLER-AZ988 Datasheet
164Kb / 3P
   30 AMP MICRO-ISO AUTOMOTIVE RELAY
AZ977 AZETTLER-AZ977 Datasheet
82Kb / 2P
   20 AMP MICRO-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8HE OMRON-G8HE Datasheet
151Kb / 3P
   High-Current Micro ISO Automotive Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com