Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM3481 Datasheet(PDF) 6 Page - Analog Devices

Part # ADUM3481
Description  Small, 3.75 kV RMS Quad Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3481 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUM3481 Datasheet HTML 2Page - Analog Devices ADUM3481 Datasheet HTML 3Page - Analog Devices ADUM3481 Datasheet HTML 4Page - Analog Devices ADUM3481 Datasheet HTML 5Page - Analog Devices ADUM3481 Datasheet HTML 6Page - Analog Devices ADUM3481 Datasheet HTML 7Page - Analog Devices ADUM3481 Datasheet HTML 8Page - Analog Devices ADUM3481 Datasheet HTML 9Page - Analog Devices ADUM3481 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADuM3480/ADuM3481/ADuM3482
Data Sheet
Rev. 0 | Page 6 of 20
Table 6.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
Input Voltage Threshold
Logic High
VIH
0.7 VDDLx
V
Logic Low
VIL
0.3 VDDLx
V
Output Voltages
Logic High
VOH
VDDLx − 0.1
3.0
V
IOx = −20 µA, VIx = VIxH
VDDLx − 0.4
2.8
V
IOx = −4 mA, VIx = VIxH
Logic Low
VOL
0.0
0.1
V
IOx = 20 µA, VIx = VIxL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
Input Current per Channel
II
−10
+0.01
+10
µA
0 V ≤ VIx≤ VDDLx, 0 V ≤ VCTRLx ≤ VDDLx
Supply Current per Channel
Quiescent Supply Current
Regulator Input Side
IDDI (Q)
0.36
0.5
mA
I/O Input
IDDIL (Q)
0.019
0.050
mA
Regulator Output Side
IDDO (Q)
1.21
1.7
mA
I/O Output
IDDOL (Q)
0.021
0.050
mA
Dynamic Supply Current
Regulator Input Side
IDDI (D)
0.070
mA/Mbps
I/O Input
IDDIL (D)
0.53
µA/Mbps
Regulator Output Side
IDDO (D)
0.010
mA/Mbps
I/O Output
IDDOL (D)
0.013
mA/Mbps
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
3
ns
10% to 90%
Common-Mode Transient Immunity1
|CM|
25
35
kV/µs
VIx = VDDLx, VCM = 1000 V,
transient magnitude = 800 V
Refresh Period
tr
1.66
µs
1
|CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VOL < 0.8 × VDDLx or VOH > 0.7 × VDDIx. The common-mode voltage slew
rates apply to both rising and falling common-mode voltage edges.


Similar Part No. - ADUM3481

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3481 AD-ADUM3481 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3481ARSZ AD-ADUM3481ARSZ Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3481ARSZ-RL7 AD-ADUM3481ARSZ-RL7 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3481BRSZ AD-ADUM3481BRSZ Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3481BRSZ-RL7 AD-ADUM3481BRSZ-RL7 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
More results

Similar Description - ADUM3481

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com