Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4011B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZSPM4011B
Description  High Efficiency 1A Synchronous Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM4011B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZSPM4011B Datasheet HTML 1Page - List of Unclassifed Manufacturers ZSPM4011B Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSPM4011B Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSPM4011B Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSPM4011B Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSPM4011B Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSPM4011B Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSPM4011B Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSPM4011B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ZSPM4011B
High Efficiency 1A Synchronous Buck Converter
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev.1.00— April 4, 2013
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
Typical Applications
Wireless access points, cable
modems
Set-top boxes
DVD, LCD, LED supplies
Portable products, including
GPS, smart phones, tablet
PCs
Printers
VCC
Over Current
Protection
Gate
Drive
Gate
Drive
Bootstrap
Voltage
VCC
Gate Drive
Control
FB
VSW
Vref
&
Soft Start
Oscillator
Ramp
Generator
Comparator
Error Amp
GND
Under-Voltage
Protection
MONITOR
&
CONTROL
Thermal
Protection
Over-Voltage
Protection
VCC
FB
VCC
VCC
BST
EN
PGND
PG
PFM Mode
Comparator
Vref
4.2V
Compensation
Network
High-Side Switch
Low-Side Switch
ZSPM4011B Block Diagram
Ordering Information
Ordering Code
Description
Package
ZSPM4011BA1W00
1A Synchronous Buck Converter: adjustable output, 0.9V to 5V, 16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4011BA1W15
1A Synchronous Buck Converter: fixed output, 1.5V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4011BA1W18
1A Synchronous Buck Converter: fixed output, 1.8V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4011BA1W25
1A Synchronous Buck Converter: fixed output, 2.5V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4011BA1W33
1A Synchronous Buck Converter: fixed output, 3.3V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4011BA1W50
1A Synchronous Buck Converter: fixed output, 5.0V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4011BKIT
ZSPM4011BKIT, Evaluation Kit for 1A Synchronous Buck Converter
Kit
Sales and Further Information
www.zmdi.com
Analog@zmdi.com
Zentrum Mikroelektronik
Dresden AG
Global Headquarters
Grenzstrasse 28
01109 Dresden, Germany
Central Office:
Phone +49.351.8822.0
Fax
+49.351.8822.600
ZMD America, Inc.
1525 McCarthy Blvd., #212
Milpitas, CA 95035-7453
USA
USA Phone +855.275.9634
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD FAR EAST, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Zentrum Mikroelektronik
Dresden AG, Korea Office
U-space 1 Building
11th Floor, Unit JA-1102
670 Sampyeong-dong
Bundang-gu, Seongnam-si
Gyeonggi-do, 463-400
Korea
Phone +82.31.950.7679
Fax
+82.504.841.3026
Phone +408.883.6310
Fax
+408.883.6358
Phone +81.3.6895.7410
Fax
+81.3.6895.7301
Phone +886.2.2377.8189
Fax
+886.2.2377.8199
European Technical Support
Phone +49.351.8822.7.772
Fax
+49.351.8822.87.772
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Zentrum Mikroelektronik Dresden AG (ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The
information furnished hereby is believed to be true and accurate. However, under no circumstances shall ZMD AG be liable to a ny customer,
licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind or nature whatsoever arising out of or in
any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG to any
customer, licensee or any other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for
any damages in connection with or arising out of the furnishing, performance or use of this technical data, whether based on contract, warranty,
tort (including negligence), strict liability, or otherwise.
European Sales (Stuttgart)
Phone +49.711.674517.55
Fax
+49.711.674517.87955


Similar Part No. - ZSPM4011B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM4011B IDT-ZSPM4011B Datasheet
655Kb / 21P
   High Efficiency 1A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
   High Efficiency 1A Synchronous Buck Converter
January 27, 2016
logo
Integrated Device Techn...
ZSPM4011BA1W00 IDT-ZSPM4011BA1W00 Datasheet
655Kb / 21P
   High Efficiency 1A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4011BA1W00 RENESAS-ZSPM4011BA1W00 Datasheet
829Kb / 22P
   High Efficiency 1A Synchronous Buck Converter
January 27, 2016
logo
Integrated Device Techn...
ZSPM4011BA1W15 IDT-ZSPM4011BA1W15 Datasheet
655Kb / 21P
   High Efficiency 1A Synchronous Buck Converter
More results

Similar Description - ZSPM4011B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
   High Efficiency 1A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4011B IDT-ZSPM4011B Datasheet
655Kb / 21P
   High Efficiency 1A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
   High Efficiency 1A Synchronous Buck Converter
January 27, 2016
ZSPM4011 RENESAS-ZSPM4011 Datasheet
682Kb / 21P
   ZSPM4011 High Efficiency 1A Synchronous Buck Converter
April 15, 2016
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
   1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Monolithic Power System...
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
   High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Global Mixed-mode Techn...
G5691 GMT-G5691 Datasheet
79Kb / 1P
   1.5MHz, 1A High Efficiency Buck Converter
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com