Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4012BA1W18 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZSPM4012BA1W18
Description  High Efficiency 2A Synchronous Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM4012BA1W18 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZSPM4012BA1W18 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ZSPM4012B
High Efficiency 2A Synchronous Buck Converter
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev.1.00 — April 4, 2013. All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated,
stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
For more information, contact ZMDI via Analog@zmdi.com.
Brief Description
The
ZSPM4012B
is
a
DC/DC
synchronous
switching regulator with fully integrated power
switches, internal compensation, and full fault
protection. The 1MHz switching frequency enables
using small filter components, resulting in reduced
board space and reduced bill-of-materials costs.
The ZSPM4012B utilizes current mode feedback in
normal regulation pulse-width modulation (PWM)
mode. When the regulator is disabled (EN pin is
low), the ZSPM4012B draws less than 10µA quies-
cent current.
The ZSPM4012B integrates a wide range of
protection circuitry, including input supply under-
voltage lockout, output voltage soft start, current
limit, VOUT over-voltage, and thermal shutdown.
The ZSPM4012B includes supervisory reporting
through the PG (Power Good) open drain output to
interface other components in the system.
Features
Output voltage options (depends on order code):
Fixed output voltages: 1.5V, 1.8V, 2.5V,
3.3V, or 5V with +/- 2% output tolerance
Adjustable output voltage range: 0.9V to 5V
with +/- 1.5% reference
Wide input voltage range: 4.5V to 24V
1MHz +/- 10% fixed switching frequency
2A continuous output current
High efficiency – up to 95%
Current mode PWM control with pulse-
frequency modulation (PFM) mode for
improved light load efficiency
Voltage supervisor for V
OUT reported at the PG
pin
Input supply under voltage lockout
Soft start for controlled startup with no
overshoot
Full protection for over-current, over-
temperature, and VOUT over-voltage
Less than 10µA in Disabled Mode
Low external component count
Benefits
Increased battery life
Minimal external component count
(3 capacitors, 1 inductor)
Inherent fault protection and reporting
Available Support
Evaluation Kit
Documentation
Physical Characteristics
Junction operating temperature -40°C to 125°C
Packaged in a 16pin QFN (3x3mm)
Related ZMDI Products
ZSPM4011B/ZSPM4013B: 1A/3A synchronous
buck converters, available with adjustable out-
put from 0.9 to 5V or fixed output voltages at
1.5V, 1.8V, 2.5V, 3.3V, 5.0V
(16-lead 3x3mm QFN)
ZSPM1000: >5A single-phase, single-rail, true
digital PWM controller (24-pin 4x4mm QFN)
ZSPM4012B Application Circuits
VOUT
Adjustable Output
VSW
VCC
FB
BST
VCC
PG
PG
RTOP
RBOT
10 k
Ω
(optional)
VOUT
EN
EN
CBYPASS
LOUT
COUT
CBST
VOUT
Fixed Output
EN
VSW
VCC
FB
VCC
EN
PG
PG
10k
Ω
(optional)
VOUT
BST
CBYPASS
CBST
COUT
LOUT


Similar Part No. - ZSPM4012BA1W18

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM4012BA1W18 IDT-ZSPM4012BA1W18 Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012BA1W18 RENESAS-ZSPM4012BA1W18 Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results

Similar Description - ZSPM4012BA1W18

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
BCD Semiconductor Manuf...
AP3408 BCDSEMI-AP3408 Datasheet
385Kb / 12P
   2A, 4MHz High Efficiency Synchronous Buck Converter
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1724 UPI-UP1724 Datasheet
234Kb / 13P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
   High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com