Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4012BA1W25 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ZSPM4012BA1W25
Description  High Efficiency 2A Synchronous Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM4012BA1W25 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ZSPM4012BA1W25 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSPM4012BA1W25 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSPM4012BA1W25 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSPM4012BA1W25 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSPM4012BA1W25 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSPM4012BA1W25 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSPM4012BA1W25 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSPM4012BA1W25 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSPM4012BA1W25 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ZSPM4012B
High Efficiency 2A Synchronous Buck Converter
Data Sheet
April 4, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
7 of 22
1.3.
Recommended Operating Conditions
Table 1.3
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Input Operating Voltage
VCC
4.5
12
24
V
Bootstrap Capacitor
CBST
17.6
22
26.4
nF
Output Filter Inductor Typical Value
1)
LOUT
3.76
4.7
5.64
µH
Output Filter Capacitor Typical Value
2)
COUT
33
44 (2 x 22)
µF
Output Filter Capacitor ESR
COUT-ESR
2
35
100
m
Input Supply Bypass Capacitor Typical Value
3)
CBYPASS
8
10
µF
1)
For best performance, an inductor with a saturation current rating higher than the maximum VOUT load requirement plus the inductor
current ripple.
2)
For best performance, a low ESR ceramic capacitor should be used.
3)
For best performance, a low ESR ceramic capacitor should be used. If CBYPASS is not a low ESR ceramic capacitor, a 0.1µF ceramic
capacitor should be added in parallel to CBYPASS.
1.4.
Electrical Characteristics
Electrical Characteristics, TJ = -40°C to 125°C, VCC = 12V (unless otherwise noted)
Table 1.4
Electrical Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
VCC Supply Voltage
Input Supply Voltage
VCC
4.5
24
V
Quiescent Current:
Normal Mode
ICC-NORM
VCC = 12V, ILOAD = 0A, EN  2.2
5.2
mA
Quiescent Current:
Normal Mode, Non-switching
ICC-
NOSWITCH
VCC=12V, ILOAD=0A, EN  2.2
Non-switching
2.3
mA
Quiescent Current:
Disabled Mode
ICC-DISABLE
VCC = 12V, EN = 0V
5
10
µA
VCC Under Voltage Lockout
Input Supply Under Voltage
Threshold
VCC-UV
VCC Increasing
4.1
4.3
4.5
V
Input Supply Under Voltage
Threshold Hysteresis
VCC-
UV_HYST
650
mV
Oscillator
Oscillator Frequency
fOSC
0.9
1
1.1
MHz


Similar Part No. - ZSPM4012BA1W25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM4012BA1W25 IDT-ZSPM4012BA1W25 Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012BA1W25 RENESAS-ZSPM4012BA1W25 Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results

Similar Description - ZSPM4012BA1W25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
BCD Semiconductor Manuf...
AP3408 BCDSEMI-AP3408 Datasheet
385Kb / 12P
   2A, 4MHz High Efficiency Synchronous Buck Converter
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1724 UPI-UP1724 Datasheet
234Kb / 13P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
   High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com